Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1680 Datasheet (PDF) - Maxim Integrated Products

MAX1680 Datasheet PDF - Maxim Integrated Products
Part # MAX1680
Download  MAX1680 Download
File Size   103.81 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters

MAX1680 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1680 Datasheet PDF - Maxim Integrated Products

Part # MAX1680
Download  MAX1680 Click to download

File Size   103.81 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters

MAX1680 Datasheet (HTML) - Maxim Integrated Products


MAX1680 Product details

General Description
The MAX1680/MAX1681 inductorless switched-capacitor voltage converters either invert an input voltage of +2.0V to +5.5V or double it while supplying up to 125mA output current. They have a selectable-frequency option that allows the use of small capacitors: 4.7µF (MAX1680), 1µF (MAX1681). With their high output current capability, these charge-pump devices are suitable replacements for inductor-based regulators, which require more expensive external components and additional board space.
The devices’ equivalent output resistance (typically 3.5Ω) allows them to deliver as much as 125mA with only a 440mV drop. A shutdown feature reduces quiescent current to less than 1µA. The MAX1680/MAX1681 are available in 8-pin SO packages. For devices that deliver up to 50mA in smaller µMAX packages, refer to the MAX860/MAX861 data sheet.

Features
♦ Selectable Switching Frequencies:
   125kHz/250kHz (MAX1680)
   500kHz/1MHz (MAX1681)
♦ Allow Use of Small Capacitors
   (1µF for the MAX1681)
♦ 125mA Output Current
♦ 3.5Ω Output Impedance
♦ 1µA Logic-Controlled Shutdown
♦ Configurable as Voltage Inverters or Doublers
♦ +2.0V to +5.5V Input Voltage Range
♦ Available in 8-Pin SO Packages
♦ 90% Efficiency

Applications
   Local Negative Supplies
   Interface Power Supplies
   Op-Amp Power Supplies
   MOSFET Bias




Similar Part No. - MAX1680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800 Datasheet
182Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800ATE MAXIM-MAX16800ATE Datasheet
200Kb / 9P
High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800ATE+ MAXIM-MAX16800ATE+ Datasheet
200Kb / 9P
High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800ATE+ MAXIM-MAX16800ATE+ Datasheet
182Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
More results


Similar Description - MAX1680

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX860 MAXIM-MAX860 Datasheet
142Kb / 12P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 1; 11/96
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
Switched Capacitor Voltage Converters
2001
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
07/15/10
logo
Maxim Integrated Produc...
MAX861IUA-T MAXIM-MAX861IUA-T Datasheet
184Kb / 11P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
logo
Microchip Technology
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
MAX860 MAXIM-MAX860_V01 Datasheet
174Kb / 11P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com