Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1692 Datasheet (PDF) - Maxim Integrated Products

MAX1692 Datasheet PDF - Maxim Integrated Products
Part # MAX1692
Download  MAX1692 Download
File Size   150.81 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, 5.5V-Input, PWM Step-Down Regulator

MAX1692 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1692 Datasheet PDF - Maxim Integrated Products

Part # MAX1692
Download  MAX1692 Click to download

File Size   150.81 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, 5.5V-Input, PWM Step-Down Regulator

MAX1692 Datasheet (HTML) - Maxim Integrated Products


MAX1692 Product details

General Description
The MAX1692 is a low-noise, pulse-width-modulated (PWM), DC-DC step-down converter. It powers logic and transmitters in small wireless systems such as cellular phones, communicating PDAs, and handy-terminals. The device features an internal synchronous rectifier for high efficiency; it requires no external Schottky diode. Excellent noise characteristics and fixed-frequency operation provide easy post-filtering. The MAX1692 is ideally suited for Li-Ion battery applications. It is also useful for +3V or +5V fixed input applications.

Features
♦ +2.7V to +5.5V Input Range
♦ Adjustable Output from 1.25V to VIN
♦ 600mA Guaranteed Output Current
♦ 95% Efficiency
♦ No Schottky Diode Required
♦ 85µA Quiescent Current
♦ 100% Duty Cycle in Dropout
♦ 750kHz Fixed-Frequency PWM Operation
♦ Synchronizable Switching Frequency
♦ Accurate Reference: 1.25V (±1.2%)
♦ Small 10-Pin µMAX Package

Applications
    Cellular Phones
    CPU I/O Supplies
    Cordless Phones
    Notebook Chipset Supplies
    PDAs and Handy-Terminals
    Battery-Operated Devices (1 Li-Ion or 3 NiMH/NiCd)




Similar Part No. - MAX1692

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16920 MAXIM-MAX16920 Datasheet
3Mb / 20P
Automotive Power-Management IC with Three Step-Down Converters and Linear Regulator
Rev 1; 8/11
MAX16920A MAXIM-MAX16920A Datasheet
1Mb / 9P
5.5V to 18V Input Range, Survives 45V Transients
Rev 0; 1/11
MAX16920B MAXIM-MAX16920B Datasheet
1Mb / 9P
5.5V to 18V Input Range, Survives 45V Transients
Rev 0; 1/11
MAX16920BEVKIT MAXIM-MAX16920BEVKIT Datasheet
1Mb / 9P
5.5V to 18V Input Range, Survives 45V Transients
Rev 0; 1/11
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Similar Description - MAX1692

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1777 LINER-LT1777 Datasheet
270Kb / 24P
Low Noise Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX1684 MAXIM-MAX1684 Datasheet
234Kb / 16P
Low-Noise, 14V Input, 1A, PWM Step-Down Converters
Rev 0; 4/99
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
1.5A LOW NOISE PWM STEP DOWN REGULATOR
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
3A LOOW NOISE PWM STEP DOWN REGULATOR
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Linear Technology
LT1777 LINER-LT1777_15 Datasheet
285Kb / 24P
Low Noise Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX1684 MAXIM-MAX1684_V01 Datasheet
294Kb / 14P
Low-Noise, 14V Input, 1A, PWM Step-Down Converters
2001
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com