Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1684 Datasheet (PDF) - Maxim Integrated Products

MAX1684 Datasheet PDF - Maxim Integrated Products
Part # MAX1684
Download  MAX1684 Download
File Size   234.08 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, 14V Input, 1A, PWM Step-Down Converters

MAX1684 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1684 Datasheet PDF - Maxim Integrated Products

Part # MAX1684
Download  MAX1684 Click to download

File Size   234.08 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, 14V Input, 1A, PWM Step-Down Converters

MAX1684 Datasheet (HTML) - Maxim Integrated Products


MAX1684 Product details

General Description
The MAX1684/MAX1685 are high-efficiency, internal switch, pulse-width modulation (PWM) step-down switching regulators intended to power cellular phones, communicating PDAs, and handy-terminals. These devices deliver a guaranteed 1A output current from two lithium-ion (Li+) batteries. Their wide-input voltage range of 2.7V to 14V gives design flexibility and allows batteries to charge from a wall cube, since the ICs operate at the higher voltages that occur when the battery is removed. The output voltage is preset to 3.3V or can be externally adjusted from 1.25V to VIN.

Features
♦ Up to 96% Efficiency
♦ 1A Guaranteed Output Current
♦ 100% Duty Cycle in Dropout
♦ 2.7V to 14V Input Range (15V Absolute Max)
♦ ±1% Accurate Reference Output
♦ 0.24Ω P-Channel On-Resistance
♦ Synchronizable Switching Frequency
♦ Fixed-Frequency PWM Operation
    300kHz (MAX1684)
    600kHz (MAX1685)
♦ 150µA Normal-Mode Quiescent Current
♦ 25µA Low-Power Mode Quiescent Current
♦ 2µA Shutdown Current
♦ Dual Mode™ Fixed 3.3V (±1%) Output or Adjustable Output (1.25V to VIN)
♦ Small 16-QSOP Package
♦ Auxiliary Output (CVL): 3V/5mA

Applications
    Cellular Phones
    Two-Way Radios and Walkie-Talkies
    Computer Peripherals
    Personal Communicators
    PDAs and Handy-Terminals




Similar Part No. - MAX1684

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1684 MAXIM-MAX1684 Datasheet
294Kb / 14P
Low-Noise, 14V Input, 1A, PWM Step-Down Converters
2001
MAX16840 MAXIM-MAX16840 Datasheet
996Kb / 1P
LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 1; 2/11
MAX16840 MAXIM-MAX16840 Datasheet
927Kb / 1P
LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 3; 8/11
MAX16840ATB MAXIM-MAX16840ATB Datasheet
996Kb / 1P
LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 1; 2/11
MAX16840ATB+ MAXIM-MAX16840ATB+ Datasheet
927Kb / 1P
LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 3; 8/11
More results


Similar Description - MAX1684

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
Analog Intergrations Co...
AIC1594 AIC-AIC1594 Datasheet
75Kb / 6P
1A STEP-DOWN PWM REGULATOR
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
Dual 1A Step-Down Converters
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
logo
Analog Intergrations Co...
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
1A Synchronous PWM Step-Down
logo
Maxim Integrated Produc...
MAX1684 MAXIM-MAX1684_V01 Datasheet
294Kb / 14P
Low-Noise, 14V Input, 1A, PWM Step-Down Converters
2001
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com