Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6431 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6431 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6431
Download  AMMC-6431 Download
File Size   307.66 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 25-33 GHz 0.7W Power Amplifier MMIC

AMMC-6431 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6431 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6431
Download  AMMC-6431 Click to download

File Size   307.66 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 25-33 GHz 0.7W Power Amplifier MMIC

AMMC-6431 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - AMMC-6431

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6430 AVAGO-AMMC-6430 Datasheet
638Kb / 7P
25 - 33 GHz Power Amplifier
logo
Broadcom Corporation.
AMMC-6430 BOARDCOM-AMMC-6430 Datasheet
379Kb / 7P
25 - 33 GHz Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6430-W10 AVAGO-AMMC-6430-W10 Datasheet
638Kb / 7P
25 - 33 GHz Power Amplifier
AMMC-6430-W50 AVAGO-AMMC-6430-W50 Datasheet
638Kb / 7P
25 - 33 GHz Power Amplifier
More results


Similar Description - AMMC-6431

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMWB33001 FAIRCHILD-RMWB33001 Datasheet
234Kb / 6P
33 GHz Buffer Amplifier MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6430 AVAGO-AMMC-6430 Datasheet
638Kb / 7P
25 - 33 GHz Power Amplifier
logo
Hittite Microwave Corpo...
HMC-APH596 HITTITE-HMC-APH596 Datasheet
214Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 16 - 33 GHz
logo
Cree, Inc
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 2.2
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.3
CMPA5585025D CREE-CMPA5585025D Datasheet
348Kb / 7P
25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev 1.1
CMPA5585025F CREE-CMPA5585025F Datasheet
2Mb / 19P
25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev 4.1
logo
Broadcom Corporation.
AMMC-6430 BOARDCOM-AMMC-6430 Datasheet
379Kb / 7P
25 - 33 GHz Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com