Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6431 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6431
Description  25-33 GHz 0.7W Power Amplifier MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6431 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6431 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6431 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6431 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6431 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6431 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6431 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6431 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6431 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6431 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Table 1. Absolute Maximum Ratings[1,2,3,4, and 5]
Symbol
Parameters
Unit
Max
Notes
Vd-Vg
Drain to Gate Voltage
V
8
Vd
Positive Supply Voltage[2]
V
5.5
2
Vg
Gate Supply Voltage
V
-2.5 to 0.5
Id
Drain Current[2]
A
1.1
2,3
PD
Power Dissipation[2,3]
W
3.85
2,3
Pin
CW Input Power[2]
dBm
15.5
2
Tch
Operating Channel Temp.[4,5]
°C
+150
4,5
Tstg
Storage Case Temp.
°C
-65 to +150
Tmax
Maximum Assembly Temp (30 sec max)
°C
+300
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device. Functional operation at or near these limitations
will change to may significantly reduce the lifetime of the device.
2. Combinations of supply voltage, drain current, input power, and output power shall not exceed PD.
3. When operated at this condition with a base plate temperature of 85°C, the median time to failure (MTTF) is significantly reduced.
4. These ratings apply to each individual FET.
5. The operating channel temperature will directly affect the device MTTF. For maximum life, it is recommended that junction temperatures be
maintained at the lowest possible levels.
Table 2. DC Specifications/ Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Id
Drain Supply Current (Vd = 5 V, Vg set for Id Typical)
mA
650
Vg
Gate Supply Operating Voltage (Id(Q) = 650 (mA))
V
-1.0
Ig
Gate Supply Current (Vg = -1V set for Id Typical)
mA
-0.10
R
θjc
Thermal Resistance[6] (Channel-to-Backside)
°C/W
16.8
Note:
1. Assume conductive epoxy attachment to an evaluation RF board at 85°C base plate temperatures.
Table 3. Thermal Properties
Parameter
Test Conditions
Value
Maximum Power Dissipation
Tbaseplate = 85°C
PD = 3.85W
Tchannel = 150°C
Thermal Resistance (
θjc)
Vd = 5V
Id = 650mA
PD = 3.25W
Tbaseplate = 85°C
θjc = 16.8°C/W
Tchannel = 139.6°C
Thermal Resistance (
θjc)
Under RF Drive
Vd = 5V
Id = 790mA
Pout = 24dBm
Pd = 3.7W
Tbaseplate = 85°C
θjc = 16.8°C/W
Tchannel = 147.14°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com