Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1740 Datasheet (PDF) - Maxim Integrated Products

MAX1740 Datasheet PDF - Maxim Integrated Products
Part # MAX1740
Download  MAX1740 Download
File Size   327.59 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SIM/Smart Card Level Translators in uMAX

MAX1740 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1740 Datasheet PDF - Maxim Integrated Products

Part # MAX1740
Download  MAX1740 Click to download

File Size   327.59 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SIM/Smart Card Level Translators in uMAX

MAX1740 Datasheet (HTML) - Maxim Integrated Products


MAX1740 Product details

General Description

The MAX1740/MAX1741 subscriber identity module (SIM)/smart card level translators provide level shifting and electrostatic discharge (ESD) protection for SIM and smart card ports. These devices integrate two unidirectional level shifters for the reset and clock signals, a bidirectional level shifter for the serial data stream, and ±10kV ESD protection on all card contacts.



Features

♦ SIM/Smart Card Level Shifting

♦ ±10kV ESD Card Socket Protection

♦ Allows Level Translation with DVCC ≥ VCC or DVCC ≤ VCC

♦ Automatically Shuts Down When Either Supply Is Removed

♦ Card Contacts Actively Pulled Low During Shutdown

♦ +1.425V to +5.5V Controller Voltage Range

♦ +2.25V to +5.5V Card Voltage Range

♦ 2.5µA (max) Total Quiescent Supply Current

♦ 0.01µA Total Shutdown Supply Current

♦ Ultra-Small 10-Pin µMAX Package

♦ Compliant with GSM Test Specifications 11.11 and 11.12



Applications

  SIM Interface in GSM Cellular Telephones

  Smart Card Readers

  Logic Level Translation

  SPI™/QSPI™/MICROWIRE™ Level Translation



 




Similar Part No. - MAX1740

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
MAX17409GTI+ MAXIM-MAX17409GTI+ Datasheet
511Kb / 32P
1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
More results


Similar Description - MAX1740

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
Maxim Integrated Produc...
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Linear Technology
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
Best-in-Class ESD Protected Level Translators
logo
Linear Technology
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
logo
Nexperia B.V. All right...
NXT4556 NEXPERIA-NXT4556 Datasheet
268Kb / 19P
SIM card interface level translator
Rev. 2 - 15 June 2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com