Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17409 Datasheet (PDF) - Maxim Integrated Products

MAX17409 Datasheet PDF - Maxim Integrated Products
Part # MAX17409
Download  MAX17409 Download
File Size   511.46 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Phase Quick-PWM GPU Controller

MAX17409 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17409 Datasheet PDF - Maxim Integrated Products

Part # MAX17409
Download  MAX17409 Click to download

File Size   511.46 Kbytes
Page   32 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Phase Quick-PWM GPU Controller

MAX17409 Datasheet (HTML) - Maxim Integrated Products


MAX17409 Product details

General Description
The MAX17409 is a 1-phase Quick-PWM™ step-down VID power-supply controller for high-performance graphics processors. The Quick-PWM control provides instantaneous response to fast-load current steps. Active voltage positioning reduces power dissipation and bulk output capacitance requirements and allows ideal positioning compensation for tantalum, polymer, or ceramic bulk output capacitors.

Features
♦ 1-Phase Quick-PWM Controller
♦ ±6mV VOUT Accuracy Over Line, Load, and
   Temperature
♦ 6-Bit Graphics DAC (12.5mV LSB)
♦ Active Voltage Positioning with Adjustable Gain
♦ Accurate Droop and Current Limit
♦ Remote Output and Ground Sense
♦ Buffered 2V Reference Output for Offsets
♦ Power-Good Window Comparator
♦ Temperature Comparator
♦ Drives Large Synchronous Rectifier FETs
♦ 2V to 26V Power Input Range
♦ Adjustable Switching Frequency (600kHz max)
♦ Output Overvoltage and Undervoltage Protection
♦ Soft-Startup and Soft-Shutdown
♦ Internal Boost Diodes

Applications
   Graphics Core (GPU) Power Supplies
   Voltage-Positioned Step-Down Converters
   2-to-4 Li+ Cells Battery to Processor Core Supply Converters
   Notebooks/Desktops/Servers




Similar Part No. - MAX17409

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX1740EUB MAXIM-MAX1740EUB Datasheet
327Kb / 12P
SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
More results


Similar Description - MAX17409

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Intersil Corporation
ISL9502CRZ INTERSIL-ISL9502CRZ Datasheet
535Kb / 24P
Two-Phase PWM Controller for Graphics Processor Units (GPU)
July 17, 2006
logo
International Rectifier
CHL8266 IRF-CHL8266 Datasheet
273Kb / 2P
Digital Multi-Phase GPU Buck Controller GPU-compliant Digital PWM Controller
logo
ON Semiconductor
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
logo
International Rectifier
CHL8266 IRF-CHL8266_15 Datasheet
273Kb / 2P
Digital Multi-Phase GPU Buck Controller
IR3595 IRF-IR3595_15 Datasheet
109Kb / 1P
Digital Multi-Phase Redundant & GPU Controller
logo
Intersil Corporation
ISL9502 INTERSIL-ISL9502 Datasheet
535Kb / 24P
Two-Phase PWM Controller for Graphics Processor Units (GPU)
July 17, 2006
logo
uPI Group Inc.
UP1664 UPI-UP1664 Datasheet
408Kb / 31P
2-Phase 1-Phase PWM Controller
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
Single-Phase PWM Controller for CPU / GPU Core Power Supply
logo
Maxim Integrated Produc...
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com