Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9502 Datasheet (PDF) - Intersil Corporation

ISL9502 Datasheet PDF - Intersil Corporation
Part # ISL9502
Download  ISL9502 Download
File Size   535.42 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-Phase PWM Controller for Graphics Processor Units (GPU)

ISL9502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9502 Datasheet PDF - Intersil Corporation

Part # ISL9502
Download  ISL9502 Click to download

File Size   535.42 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-Phase PWM Controller for Graphics Processor Units (GPU)

ISL9502 Datasheet (HTML) - Intersil Corporation


ISL9502 Product details

Increase in GPU clock frequency is accompanied by
associated increase in the demand for power and transientcurrent slew rate. At the same time, the voltage tolerance
requirement during steady-state and transient operation is
becoming more stringent of advanced GPU. The ISL9502 is
a two-phase PWM controller with embedded gate drivers,
which is tailored to meet the power and dynamic
requirements. The two-phase buck converter uses two
interleaved channels to effectively double the output voltage
ripple frequency and thereby reduce output voltage ripple
amplitude with fewer components, lower component cost,
reduced power dissipation, and smaller real estate area.
The heart of the ISL9502 is the patented R3 (Robust Ripple
Regulator®) modulator. Compared with the traditional multiphase buck regulator, R3 technology has the fastest transient
response. This is due to the R3 modulator commanding
variable switching frequency during a load transient.
At heavy load operation of the active mode, ISL9502
commands the two phase continuous conduction mode
(CCM) operation. While the pin SET3 is asserted at the
medium or light load, the ISL9502 smoothly disables one
phase and operates in a one-phase operation. Once in onephase operation, when the GPU further lowers the load
current, the ISL9502 enables diode emulation to maximize
efficiency at light load depending on the logic of SET1 and
SET2.
A 6-bit digital-to-analog converter (DAC) allows dynamic
adjustment of the output voltage from 0.500V to 1.500V with
25mV step. A 0.5% system accuracy of the core output
voltage over temperature is achieved by the ISL9502.
A unity-gain differential amplifier is provided for remote GPU
die sensing. This allows the voltage on the GPU die to be
accurately measured and regulated. Current sensing can be
realized using either lossless inductor DCR sensing or
precision resistor sensing. A single NTC thermistor network
can thermally compensates the gain and the time constant of
the DCR variations. Droop control, also referred as adaptive
voltage positioning (AVP), is implemented in ISL9502 to
reduce output decoupling capacitors and achieve more costeffective transient-load regulation.

Features
• Precision Two-phase Buck PWM controller
- 0.5% System Accuracy Over Temperature
- Active Voltage Positioning Capability
• Internal Gate Driver with 2A Driving Capability
• Superior Load Transient Response
• Dynamic Phase Adding/Dropping
• Voltage Selection Input
- 6-Bit VSEL Input
- 0.500V to 1.500V in 25mV Steps
- Supports VSEL Change On-The-Fly
• Multiple Current-Sensing Schemes Supported
- Lossless Inductor DCR Current Sensing
- Precision Resistive Current Sensing
• Thermal Monitor
• User Programmable Switching Frequency
• Differential Remote GPU Voltage Sensing
• Static and Dynamic Current Sharing
• Overvoltage, Undervoltage, and Overcurrent Protection
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL9502

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9502CRZ INTERSIL-ISL9502CRZ Datasheet
535Kb / 24P
Two-Phase PWM Controller for Graphics Processor Units (GPU)
July 17, 2006
More results


Similar Description - ISL9502

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2642 SEMTECH-SC2642 Datasheet
110Kb / 10P
Multi-Platform Two-Phase PWM Controller
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
logo
Richtek Technology Corp...
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
Two Phase General Purpose PWM Controller
logo
Maxim Integrated Produc...
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
logo
Richtek Technology Corp...
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
logo
Intersil Corporation
ISL9502CRZ INTERSIL-ISL9502CRZ Datasheet
535Kb / 24P
Two-Phase PWM Controller for Graphics Processor Units (GPU)
July 17, 2006
logo
International Rectifier
CHL8266 IRF-CHL8266 Datasheet
273Kb / 2P
Digital Multi-Phase GPU Buck Controller GPU-compliant Digital PWM Controller
CHL8266 IRF-CHL8266_15 Datasheet
273Kb / 2P
Digital Multi-Phase GPU Buck Controller
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
Single-Phase PWM Controller for CPU / GPU Core Power Supply
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com