Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1762 Datasheet (PDF) - Maxim Integrated Products

MAX1762 Datasheet PDF - Maxim Integrated Products
Part # MAX1762
Download  MAX1762 Download
File Size   659.24 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, 10-Pin 關MAX, Step-Down Controllers for Notebooks

MAX1762 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1762 Datasheet PDF - Maxim Integrated Products

Part # MAX1762
Download  MAX1762 Click to download

File Size   659.24 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, 10-Pin 關MAX, Step-Down Controllers for Notebooks

MAX1762 Datasheet (HTML) - Maxim Integrated Products


MAX1762 Product details

General Description
The MAX1762/MAX1791 PWM step-down controllers provide high efficiency, excellent transient response, and high DC output accuracy needed for stepping down high-voltage batteries to generate low-voltage CPU core, I/O, and chipset RAM supplies in notebook computers and PDAs.

Features
♦ High Operating Frequency (300kHz)
♦ No Current-Sense Resistor
♦ Accurate Current Limit
♦ ±1% Total DC Error over Line and During
   Continuous Conduction
♦ Dual Mode Fixed Output
   1.8V/2.5V/adj (MAX1762)
   3.3V/5.0V/adj (MAX1791)
♦ 0.5V to 5.5V Output Adjust Range
♦ 5V to 20V Input Range
♦ Automatic Light-Load Pulse Skipping Operation
♦ Free-Running On-Demand PWM
♦ Foldback Mode™ UVLO
♦ PFET/NFET Synchronous Buck
♦ 4.65V at 25mA Linear Regulator Output
♦ 5µA Shutdown Supply Current
♦ 230µA Quiescent Supply Current
♦ 10-Pin µMAX Package

Applications
   Notebooks
   Handy-Terminals
   Subnotebooks
   PDAs
   Digital Cameras
   Smart Phones
   1.8V/2.5V Logic and I/O Supplies




Similar Part No. - MAX1762

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17620 MAXIM-MAX17620 Datasheet
897Kb / 15P
Reduces Number of DC-DC Regulators to Stock
Rev 3; 7/16
MAX17620EVKIT MAXIM-MAX17620EVKIT Datasheet
367Kb / 8P
MAX17620 EV kit
2015
MAX17623 MAXIM-MAX17623 Datasheet
2Mb / 19P
2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
Rev 0; 10/20
MAX17623 MAXIM-MAX17623 Datasheet
1Mb / 13P
2.9V to 5.5V Input-Voltage Range
Rev 1; 12/20
MAX17623ATA MAXIM-MAX17623ATA Datasheet
2Mb / 19P
2.9V to 5.5V,1A, Synchronous Step-Down Converter with Integrated MOSFETs
Rev 0; 10/20
More results


Similar Description - MAX1762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1874 TI-UC1874 Datasheet
350Kb / 10P
High Efficiency, Synchronous, Step-down Buck Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
High Efficiency Step-Down Switching Regulator Controllers
REV.0
logo
Texas Instruments
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
High Efficiency Step-Down Switching Regulator Controllers
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744_09 Datasheet
272Kb / 15P
High-Voltage, Step-Down DC-DC Controllers in 關MAX
Rev 3; 4/09
logo
Texas Instruments
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
High Efficiency Step-Down Switching Regulator Controllers
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
High Efficiency Step-Down Switching Regulator Controllers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com