Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1763 Datasheet (PDF) - Maxim Integrated Products

MAX1763 Datasheet PDF - Maxim Integrated Products
Part # MAX1763
Download  MAX1763 Download
File Size   456.58 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter

MAX1763 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1763 Datasheet PDF - Maxim Integrated Products

Part # MAX1763
Download  MAX1763 Click to download

File Size   456.58 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter

MAX1763 Datasheet (HTML) - Maxim Integrated Products


MAX1763 Product details

General Description
The MAX1763 is a high-efficiency, low-noise, step-up DC-DC converter intended for use in battery-powered wireless applications. This device maintains exceptionally low quiescent supply current (110µA) despite its high 1MHz operating frequency. Small external components and a tiny package make this device an excellent choice for small hand-held applications that require the longest possible battery life.

Features
♦ Up to 94% Efficiency
♦ +0.7V to +5.5V Input Voltage Range
♦ 1.1V Guaranteed Startup Input Voltage
♦ Up to 1.5A Output
♦ Fixed 3.3V Output or Adjustable (2.5V to 5.5V)
♦ 1MHz PWM Synchronous-Rectified Topology
♦ 1µA Logic-Controlled Shutdown
♦ Analog Gain Block for Linear-Regulator or Low
   Battery Comparator
♦ Adjustable Current Limit and Soft-Start
♦ 1.5W TSSOP Package Available

Applications
   Digital Cordless Phones
   PCS Phones
   Wireless Handsets
   Hand-Held Instruments
   Palmtop Computers
   Personal Communicators




Similar Part No. - MAX1763

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763 Datasheet
660Kb / 16P
1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
MAX17630 MAXIM-MAX17630 Datasheet
1Mb / 24P
4.5V to 36V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0; 12/18
MAX17630 MAXIM-MAX17630 Datasheet
900Kb / 10P
5V Output-Voltage Application
Rev 0; 5/19
MAX17630C5EVKIT MAXIM-MAX17630C5EVKIT Datasheet
900Kb / 10P
5V Output-Voltage Application
Rev 0; 5/19
MAX17631 MAXIM-MAX17631 Datasheet
919Kb / 10P
5V Output-Voltage Application
Rev 0; 5/19
More results


Similar Description - MAX1763

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
Low-Noise Step-up DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
Low Noise, Step-Up PWM DC/DC Converter
logo
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763_11 Datasheet
660Kb / 16P
1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
Low-Noise Step-up DC-DC Converter
logo
Union Semiconductor, In...
UM3429 UNIONSEMI-UM3429 Datasheet
606Kb / 12P
600mA, 1MHz, Synchronous Step-Up DC-DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com