Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1760 Datasheet (PDF) - Maxim Integrated Products

MAX1760 Datasheet PDF - Maxim Integrated Products
Part # MAX1760
Download  MAX1760 Download
File Size   417.43 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter

MAX1760 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1760 Datasheet PDF - Maxim Integrated Products

Part # MAX1760
Download  MAX1760 Click to download

File Size   417.43 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter

MAX1760 Datasheet (HTML) - Maxim Integrated Products


MAX1760 Product details

General Description
The MAX1760/MAX1760H are high-efficiency, low-noise, step-up DC-DC converters intended for use in battery powered wireless applications. They combine low quiescent supply current (100µA) with a high 1MHz operating frequency. Small external components and tiny 10-pin TDFN and µMAX® packages make this device an excellent choice for small hand-held applications.

Features
♦ Up to 94% Efficiency
♦ 0.7V to 5.5V Input Range
♦ Up to 800mA Output
♦ Fixed 3.3V Output (or Adjustable from 2.5V to 5.5V)
♦ PWM Synchronous-Rectified Topology
♦ Low-Noise, Constant-Frequency Operation (1MHz)
♦ 0.1µA Logic-Controlled Shutdown
♦ Synchronizable Switching Frequency
♦ Adjustable Current Limit
♦ Adjustable Soft-Start
♦ 10-Pin µMAX Package
♦ 10-Pin 3mm x 3mm TDFN Package

Applications
   Digital Cordless Phones
   PCS Phones
   Wireless Handsets
   Handheld Instruments
   Palmtop Computers
   Personal Communicators
   Two-Way Pagers




Similar Part No. - MAX1760

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760 Datasheet
516Kb / 14P
0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX17600 MAXIM-MAX17600 Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600ASA+ MAXIM-MAX17600ASA+ Datasheet
2Mb / 12P
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX17600ASA+ MAXIM-MAX17600ASA+ Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results


Similar Description - MAX1760

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
Low-Noise Step-up DC-DC Converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
Maxim Integrated Produc...
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
MAX1763 MAXIM-MAX1763_11 Datasheet
660Kb / 16P
1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter Up to 1.5A Output
Rev 2; 4/11
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
Low-Noise Step-up DC-DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com