Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-38143 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ATF-38143 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ATF-38143
Download  ATF-38143 Download
File Size   377.04 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Noise Pseudomorphic HEMT in a Miniature Leadless Package

ATF-38143 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-38143 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ATF-38143
Download  ATF-38143 Click to download

File Size   377.04 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Noise Pseudomorphic HEMT in a Miniature Leadless Package

ATF-38143 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ATF-38143 Product details

Description
Avago Technologies’s ATF-38143 is a high dynamic range, low noise, PHEMT housed in a 4-lead SC-70 (SOT-343) surface mount plastic package.
Based on its featured performance, ATF-38143 is suitable for applications in cellular and PCS handsets, LEO systems, MMDS, and other systems requiring super low noise figure with good intercept in the 450 MHz to 10 GHz frequency range.

Features
 • Lead-free Option Available
 • Low Noise Figure
 • Excellent Uniformity in Product Specifications
 • Low Cost Surface Mount Small Plastic Package SOT-343 (4 lead SC-70)
 • Tape-and-Reel Packaging Option Available

Specifi cations
1.9 GHz; 2 V, 10 mA (Typ.)
 • 0.4 dB Noise Figure
 • 16 dB Associated Gain
 • 12.0 dBm Output Power at 1 dB Gain Compression
 • 22.0 dBm Output 3rd Order Intercept

Applications
 • Low Noise Amplifier for Cellular/PCS Handsets
 • LNA for WLAN, WLL/RLL, LEO, and MMDS Applications
 • General Purpose Discrete PHEMT for Other Ultra Low Noise Applications




Similar Part No. - ATF-38143

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-38143 BOARDCOM-ATF-38143 Datasheet
377Kb / 12P
Low Noise Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-38143-BLK HP-ATF-38143-BLK Datasheet
156Kb / 14P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-38143-TR1 HP-ATF-38143-TR1 Datasheet
156Kb / 14P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-38143-TR2 HP-ATF-38143-TR2 Datasheet
156Kb / 14P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Similar Description - ATF-38143

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-551M4 HP-ATF-551M4 Datasheet
198Kb / 24P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-331M4 AVAGO-ATF-331M4 Datasheet
430Kb / 14P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-35143 AVAGO-ATF-35143_15 Datasheet
521Kb / 18P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
DEMO-ATF-5X1M4E BOARDCOM-DEMO-ATF-5X1M4E Datasheet
226Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com