Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-38143 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-38143
Description  Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-38143 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-38143 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-38143 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-38143 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-38143 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-38143 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-38143 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-38143 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-38143 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-38143 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ATF-38143 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
VDS
Drain - Source Voltage[2]
V
4.5
VGS
Gate - Source Voltage
V
-4
VGD
Gate Drain Voltage
V
-4
IDS
Drain Current
mA
Idss
Pdiss
Total Power Dissipation[2]
mW
580
Pin max
RF Input Power
dBm
17
TCH
Channel Temperature
°C
160
TSTG
Storage Temperature
°C
-65 to 160
jc
Thermal Resistance[3]
°C/W
165
Notes:
1. Operation of this device above any one of
these parameters may cause permanent
damage.
2. Source lead temperature is 25°C. Derate
6 mW/°C for TL > 64°C.
3. Thermal resistance measured using 150°C
Liquid Crystal Measurement method.
Product Consistency Distribution Charts
OIP3 (dB)
Figure 2. OIP3 @ 2 GHz, 2 V, 10 mA.
LSL=18.5, Nominal=21.99, USL=26.0
18
26
Cpk = 1.59062
Stdev = 0.73 dBm
6 Wafers
Sample Size = 450
300
250
200
150
100
50
0
22
20
24
+3 Std
-3 Std
NF (dB)
Figure 3. NF @ 2 GHz, 2 V, 10 mA.
LSL=0, Nominal=0.44, USL=0.85
0.1
0.3
0.2
0.6
0.4
0.5
0.9
0.7 0.8
-3 Std
+3 Std
Cpk = 4.08938
Stdev = 0.03 dB
6 Wafers
Sample Size = 450
180
150
120
90
60
30
0
GAIN (dB)
Figure 4. Gain @ 2 GHz, 2 V, 10 mA.
LSL=15.0, Nominal=16.06, USL= 18.0
15
15.5
16
16.5
17
17.5
18
-3 Std
+3 Std
160
120
80
40
0
Cpk = 2.58097
Stdev = 0.14 dB
6 Wafers
Sample Size = 450
Note:
Distribution data sample size is 450 samples taken from 6 different
wafers. Future wafers allocated to this product may have nominal values
anywhere within the upper and lower spec limits. Measurements made
on production test board. This circuit represents a trade-off between
an optimal noise match and a realizeable match based on production
test requirements. Circuit losses have been de-embedded from actual
measurements.
VDS (V)
Figure 1. Typical I-V Curves. (VGS=-0.2V per step)
01
2
3
4
5
250
200
150
100
50
0
0 V
–0.6 V
+0.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com