Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1884 Datasheet (PDF) - Maxim Integrated Products

MAX1884 Datasheet PDF - Maxim Integrated Products
Part # MAX1884
Download  MAX1884 Download
File Size   1051.98 Kbytes
Page   38 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad-Output TFT LCD DC-DC Converters with Buffer

MAX1884 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1884 Datasheet PDF - Maxim Integrated Products

Part # MAX1884
Download  MAX1884 Click to download

File Size   1051.98 Kbytes
Page   38 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad-Output TFT LCD DC-DC Converters with Buffer

MAX1884 Datasheet (HTML) - Maxim Integrated Products


MAX1884 Product details

General Description

The MAX1778/MAX1880–MAX1885 multiple-output DC-DC converters provide the regulated voltages required by active matrix thin-film transistor (TFT) liquid crystal displays (LCD) in a low-profile TSSOP package.



Features

♦500kHz/1MHz Current-Mode PWM Step-Up Regulator

  Up to +13V Main High-Power Output

  ±1% Accurate

  High Efficiency (91%)

♦Dual Regulated Charge-Pump Outputs (MAX1778/MAX1880/MAX1881/MAX1882 only)

  Up to +40V Positive Charge-Pump Output

  Up to -40V Negative Charge-Pump Output

♦Low-Dropout 40mA Linear Regulator(MAX1778/MAX1881/MAX1883/MAX1884 only)

  Up to +15V LDO Input

♦Optional Higher Current with External Transistor

♦2.7V to 5.5V Input Supply

♦Internal Supply Sequencing and Soft-Start

♦Power-Ready Output

♦Adjustable Fault-Detection Latch

♦Thermal Protection (+160°C)

♦0.1µA Shutdown Current

♦0.7mA IN Quiescent Current

♦Ultra-Small External Components

♦Thin TSSOP Package (1.1mm max height)



Applications

TFT LCD Notebook Displays

TFT LCD Desktop Monitor Panels




Similar Part No. - MAX1884

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1884 MAXIM-MAX1884_12 Datasheet
824Kb / 39P
Quad-Output TFT LCD DC-DC Converters with Buffer
Rev 2; 10/12
More results


Similar Description - MAX1884

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
September 26, 2005
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Maxim Integrated Produc...
MAX1778 MAXIM-MAX1778_12 Datasheet
824Kb / 39P
Quad-Output TFT LCD DC-DC Converters with Buffer
Rev 2; 10/12
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
Quad-Output TFT LCD Bias DC-DC Converter
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
logo
Maxim Integrated Produc...
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com