Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1748 Datasheet (PDF) - Maxim Integrated Products

MAX1748 Datasheet PDF - Maxim Integrated Products
Part # MAX1748
Download  MAX1748 Download
File Size   277.7 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple-Output TFT LCD DC-DC Converter

MAX1748 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1748 Datasheet PDF - Maxim Integrated Products

Part # MAX1748
Download  MAX1748 Click to download

File Size   277.7 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple-Output TFT LCD DC-DC Converter

MAX1748 Datasheet (HTML) - Maxim Integrated Products


MAX1748 Product details

General Description
The MAX1748/MAX8726 triple-output DC-DC converters in a low-profile TSSOP package provide the regulated voltages required by active-matrix, thin-film transistor (TFT) liquid-crystal displays (LCDs). One high-power DC-DC converter and two low-power charge pumps convert the +3.3V to +5V input supply voltage into three independent output voltages.
The primary 1MHz DC-DC converter generates a boosted output voltage (VMAIN) up to 13V using ultra-small inductors and ceramic capacitors. The low-power BiCMOS control circuitry and the low on-resistance (0.35Ω) of the integrated power MOSFET allows efficiency up to 93%.

Features
♦ Three Integrated DC-DC Converters
♦ 1MHz Current-Mode PWM Boost Regulator
   Up to +13V Main High-Power Output
   ±1% Accuracy
   High Efficiency (93%)
♦ Dual Charge-Pump Outputs
   Up to +40V Positive Charge-Pump Output
   Down to -40V Negative Charge-Pump Output
♦ Internal Supply Sequencing
♦ Internal Power MOSFETs
♦ +2.7V to +5.5V Input Supply
♦ 0.1µA Shutdown Current
♦ 0.6mA Quiescent Current
♦ Internal Soft-Start
♦ Power-Ready Output
♦ Ultra-Small External Components
♦ Thin TSSOP Package (1.1mm max)

Applications
   TFT Active-Matrix LCD Displays
   Passive-Matrix LCD Displays
   PDAs
   Digital Still Cameras
   Camcorders




Similar Part No. - MAX1748

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
MAX17480 MAXIM-MAX17480 Datasheet
994Kb / 48P
AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX17480GTL+ MAXIM-MAX17480GTL+ Datasheet
994Kb / 48P
AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX17482 MAXIM-MAX17482 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17482GTL+ MAXIM-MAX17482GTL+ Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
More results


Similar Description - MAX1748

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
V 1.0
logo
Maxim Integrated Produc...
MAX17062 MAXIM-MAX17062 Datasheet
250Kb / 14P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
V 2.0011
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Linear Technology
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
Quad-Output TFT LCD Bias DC-DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com