Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1747 Datasheet (PDF) - Maxim Integrated Products

MAX1747 Datasheet PDF - Maxim Integrated Products
Part # MAX1747
Download  MAX1747 Download
File Size   401.06 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple Charge-Pump TFT LCD DC-DC Converter

MAX1747 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1747 Datasheet PDF - Maxim Integrated Products

Part # MAX1747
Download  MAX1747 Click to download

File Size   401.06 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Triple Charge-Pump TFT LCD DC-DC Converter

MAX1747 Datasheet (HTML) - Maxim Integrated Products


MAX1747 Product details

General Description
The MAX1747 triple charge-pump DC-DC converter provides the regulated voltages required by active matrix thin-film transistor (TFT) liquid-crystal displays (LCDs) in a low-profile TSSOP package. One high power and two low-power charge pumps convert the +2.7V to +4.5V input supply voltage into three independent output voltages.
The primary high-power charge pump generates an output voltage (VOUT) between 4.5V and 5.5V that is regulated within ±1%. The low-power BiCMOS control circuitry and the low on-resistance (RON) power MOSFETs maximize efficiency. The adjustable switching frequency (200kHz to 2MHz) provides fast transient response and allows the use of small low-profile ceramic capacitors.

Features
♦ Adjustable Outputs
   Up to +5.5V Main High-Power Output
   Up to +35V Positive Charge-Pump Output
   Down to -35V Negative Charge-Pump Output
♦ 200kHz to 2MHz Adjustable Switching Frequency
♦ +2.7V to +4.5V Input Supply
♦ Internal Power MOSFETs
♦ 0.1µA Shutdown Current
♦ Internal Soft-Start
♦ Power-Ready Output
♦ Internal Supply Sequencing
♦ Fast Transient Response
♦ Ultra-Thin Solution (No Inductors)
♦ Thin TSSOP Package (1.1mm max)

Applications
   TFT Active-Matrix LCDs
   Passive-Matrix Displays
   Personal Digital Assistants (PDAs)




Similar Part No. - MAX1747

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174 Datasheet
559Kb / 15P
Industry Standard Complete 12-Bit A/D Converters
19-2765; Rev 2; 2/93
MAX174 MAXIM-MAX174 Datasheet
1Mb / 18P
Industry-Standard, Complete 12-Bit ADCs
Rev 3; 8/11
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
MAX17409GTI+ MAXIM-MAX17409GTI+ Datasheet
511Kb / 32P
1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
More results


Similar Description - MAX1747

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
Charge Pump Type DC-DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
V 1.0
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
Charge Pump DC-to-DC Converter
2002
logo
Maxim Integrated Produc...
MAX8753 MAXIM-MAX8753 Datasheet
596Kb / 20P
TFT LCD DC-DC Converter with Integrated Charge Pumps
Rev 0; 1/06
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
V 2.0011
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
Charge Pump DC-to-DC Converter
11/29/12
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com