Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9251 Datasheet (PDF) - List of Unclassifed Manufacturers

MAS9251 Datasheet PDF - List of Unclassifed Manufacturers
Part # MAS9251
Download  MAS9251 Download
File Size   331.01 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description REGULATED CHARGE PUMP DC/DC CONVERTER

MAS9251 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9251 Datasheet PDF - List of Unclassifed Manufacturers

Part # MAS9251
Download  MAS9251 Click to download

File Size   331.01 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description REGULATED CHARGE PUMP DC/DC CONVERTER

MAS9251 Datasheet (HTML) - List of Unclassifed Manufacturers


MAS9251 Product details

[MAS-Oy]

DESCRIPTION
MAS9251 is a low noise, constant frequency switched capacitor voltage doubler with regulated output. In the adjustable output version an external feedback pin allows the output voltage to be adjusted.
The high switching frequency of MAS9251 guarantees low output ripple even with small ceramic capacitors. The shutdown control pin can be used to turn off the device for power saving. MAS9251 is equipped with soft-start feature, which reduces the circuit’s disturbance to power supply lines during start-up by limiting the maximum input current.

FEATURES
• Two versions:
    Adjustable Output
    Fixed 5 V Output
• Solution without Inductors
• Soft-Start
• Output Accuracy < ± 4%
• Low External Part Count
• Low Noise
• Input Voltage Range: 2.7 V… 4.5 V
• Shutdown Control
• 1 MHz Switching Frequency
• Internal Thermal Shutdown
• Short Circuit Protection
• MSOP-8 and CSP Packages

APPLICATIONS
• LED Backlighting
• White LED Driver
• LED Brightness Control
• Li-Ion Battery Backup Supplies
• Local 3 V to 5 V Conversion
• Smart Card Readers
• PCMCIA Local 5 V Supplies




Similar Part No. - MAS9251

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270C2SN06 MAS-MAS9270C2SN06 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270C3SN06 MAS-MAS9270C3SN06 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270CASN06 MAS-MAS9270CASN06 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270CTB1 MAS-MAS9270CTB1 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
More results


Similar Description - MAS9251

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
Regulated Step-Down Charge Pump DC/DC Converter
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
STMicroelectronics
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com