Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST619LB Datasheet (PDF) - STMicroelectronics

ST619LB Datasheet PDF - STMicroelectronics
Part # ST619LB
Download  ST619LB Download
File Size   254.29 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DC-DC CONVERTER REGULATED 5V CHARGE PUMP

ST619LB Datasheet (PDF)

Go To PDF Page Download Datasheet
ST619LB Datasheet PDF - STMicroelectronics

Part # ST619LB
Download  ST619LB Click to download

File Size   254.29 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DC-DC CONVERTER REGULATED 5V CHARGE PUMP

ST619LB Datasheet (HTML) - STMicroelectronics


ST619LB Product details

DESCRIPTION
The ST619LB is a step-up charge pump DC-DC converter which delivers a regulated 5V ±4% output at 30mA and over temperature. The input voltage range is 2V to 3.6V (two battery cells). It requires only four external capacitor: two 0.22µF flying capacitors, and 10µF capacitors at the input and output.

■ REGULATED 5V ±4% CHARGE PUMP
■ OUTPUT CURRENT GUARANTEED OVER TEMPERATURE : 20mA (VI ≥ 2V ), 30mA (VI ≥ 3V )
■ NO INDUCTORS; VERY LOW EMI NOISE
■ USES SMALL, INEXPENSIVE CAPACITORS
■ LOGIC CONTROLLED 1µA MAX SHUT-DOWN SUPPLY CURRENT
■ SHUT DOWN DISCONNECTS LOAD FROM INPUT
■ AVAILABLE IN SO-8 AND DIP-8 PACKAGES




Similar Part No. - ST619LB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
ST619LB STMICROELECTRONICS-ST619LB Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
ST619LBDR STMICROELECTRONICS-ST619LBDR Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
ST619LBDR STMICROELECTRONICS-ST619LBDR Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
More results


Similar Description - ST619LB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
REGULATED CHARGE PUMP DC/DC CONVERTER
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
STMicroelectronics
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
Linear Technology
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com