Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX619 Datasheet (PDF) - Maxim Integrated Products

MAX619 Datasheet PDF - Maxim Integrated Products
Part # MAX619
Download  MAX619 Download
File Size   66.41 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Regulated 5V Charge-Pump DC-DC Converter

MAX619 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX619 Datasheet PDF - Maxim Integrated Products

Part # MAX619
Download  MAX619 Click to download

File Size   66.41 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Regulated 5V Charge-Pump DC-DC Converter

MAX619 Datasheet (HTML) - Maxim Integrated Products


MAX619 Product details

General Description
The MAX619 step-up charge-pump DC-DC converter delivers a regulated 5V ±4% output at 50mA over temperature. The input voltage range is 2V to 3.6V (two battery cells).
The complete MAX619 circuit fits into less than 0.1in2 of board space because it requires only four external capacitors: two 0.22µF flying capacitors, and 10µF capacitors at the input and output.
Low operating supply current (150µA max) and low shutdown supply current (1µA max) make this device ideal for small, portable, and battery-powered applications. When shut down, the load is disconnected from the input.
The MAX619 is available in 8-pin DIP and SO packages.

Features
♦ Regulated 5V ±4% Charge Pump
♦ Output Current Guaranteed over Temperature
   20mA (VIN ≥ 2V)
   50mA (VIN ≥ 3V)
♦ 2V to 3.6V Input Range
♦ No Inductors; Very Low EMI Noise
♦ Ultra-Small Application Circuit (0.1in2)
♦ Uses Small, Inexpensive Capacitors
♦ 500kHz Internal Oscillator
♦ Logic-Controlled 1µA Max Shutdown Supply Current
♦ Shutdown Disconnects Load from Input
♦ 8-Pin DIP and SO Packages

Applications
   Two Battery Cells to 5V Conversion
   Local 3V-to-5V Conversion
   Portable Instruments & Handy-Terminals
   Battery-Powered Microprocessor-Based Systems
   5V Flash Memory Programmer
   Minimum Component DC-DC Converters
   Remote Data-Acquisition Systems
   Compact 5V Op-Amp Supply
   Regulated 5V Supply from Lithium Backup Battery
   Switching Drive Voltage for MOSFETs in Low-Voltage Systems




Similar Part No. - MAX619

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190A MAXIM-MAX6190A Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190AESA MAXIM-MAX6190AESA Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
More results


Similar Description - MAX619

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522 Datasheet
223Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
REGULATED CHARGE PUMP DC/DC CONVERTER
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
STMicroelectronics
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
Linear Technology
LTC1516 LINER-LTC1516_15 Datasheet
92Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
LTC1522 LINER-LTC1522_15 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com