Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9251 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MAS9251
Description  REGULATED CHARGE PUMP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAS9251 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MAS9251 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 (11)
DA9251.001
25 October, 2001
$%62/87(0$;,0805$7,1*6
All voltages with respect to ground.
3DUDPHWHU
6\PERO
&RQGLWLRQV0LQ
0D[
8QLW
Supply Voltage
VIN
-0.3
6
V
Output Voltage
VOUT
-0.3
6
V
CTRL and FB Input Voltages
VCTRL, VFB
VIN
≤ 5.7 V
5.7 V < VIN
≤ 6 V
-0.3
-0.3
VIN + 0.3
6
V
ESD Rating
Human Body Model (HBM)
2
kV
Junction Temperature
TJmax
+175
(limited)
°C
Storage Temperature
TS
-55
+150
°C
Short Circuit Duration
tSC
Indefinite
s
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will
not be destroyed.
5(&200(1'('23(5$7,1*&21',7,216
All voltages with respect to ground.
3DUDPHWHU
6\PERO
&RQGLWLRQV0LQ
7\S
0D[
8QLW
Operating Junction
Temperature
TJ
-40
+125
°C
Operating Ambient
Temperature
TA
-40
+27
+85
°C
Operating Supply Voltage
VIN
For MAS9251AF
For MAS9251AS see application
information p 7
2.7
3.6
4.5
V
Output Voltage
VOUT
For adjustable output version
0.84
5.3
(/(&75,&$/ &+$5$&7(5,67,&6
TA = -40°C to +85°C, typical values at TA = 27°C, VIN = 3.6 V, VOUT = 5.0 V, CIN = 1
µF, CFLY = 1 µF, COUT = 1 µF, VCTRL = VIN, unless
otherwise specified.
N
9ROWDJH3DUDPHWHUV
3DUDPHWHU
6\PERO
&RQGLWLRQV0LQ
7\S
0D[
8QLW
Output Voltage Tolerance
VOUT
VIN = 2.7 V… 4.5 V, IOUT
≤ 40 mA
VIN = 3.1 V… 4.5 V, IOUT = 100 mA
-4
-4
+4
+4
%VNOM
Output Voltage Ripple
VR
VIN = 3 V, IOUT = 100 mA
80
mVP-P
Feedback Voltage Reference
VFB
All conditions
(internally controlled reference)
0.84
V
N
&XUUHQW3DUDPHWHUV
3DUDPHWHU
6\PERO
&RQGLWLRQV0LQ
7\S
0D[
8QLW
Continuous Output Current
IOUT
VIN = 3.1 V… 4.5 V
100
mA
Short Circuit Current
ISC
VIN = 3.6 V, RL = 0
Ω
300
mA
Feedback Input Current
IFB
VFB = 0.84 V
0.1
µA
Current Consumption
ICC
IOUT = 0 mA
4.5
mA
Shutdown Current
ISHDN
VCTRL = 0 V, VOUT = 0 V
TA = +27°C
TA = +85°C
0.01
1
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com