Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9251 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MAS9251
Description  REGULATED CHARGE PUMP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAS9251 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MAS9251 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 (11)
DA9251.001
25 October, 2001
$33/,&$7,21,1)250$7,21
N
0$6$60D[2XWSXW9ROWDJHYV,QSXW9ROWDJH
N
/(' 'ULYHUZLWK&XUUHQW)HHGEDFNDQG3:0 %ULJKWQHVV&RQWURO
N
:KLWH%DFNOLJKWLQJ/(''ULYHUZLWK&RQVWDQW9 2XWSXWDQG3:0 %ULJKWQHVV&RQWURO
CTRL
VIN
PGND
SGND
VOUT
FB
C -
C +
C
FLY
1
µF
C
IN
1
µF
C
OUT
1
µF
MAS9251AS
3
2
6
8
45
1
7
V
IN = 2.7 V... 4.5 V
V
OUT = VFB + VLED
R
S
56
Ω
R
S
56
Ω
R
S
56
Ω
R
S
56
Ω
R
S
56
Ω
100 Hz PWM
CTRL
VIN
PGND
SGND
VOUT
NC
C -
C +
C
FLY
1
µF
C
IN
1
µF
C
OUT
1
µF
MAS9251AF
3
2
6
8
45
1
7
V
IN = 2.7 V... 4.5 V
V
OUT = 5 V
R
S
91
Ω
R
S
91
Ω
R
S
91
Ω
R
S
91
Ω
R
S
91
Ω
R
S
91
Ω
100 Hz PWM
UhÃ2Ã!&ƒ8
1,5
2,5
3,5
4,5
5,5
6,5
2
2,2 2,4 2,6 2,8
3
3,2 3,4 3,6 3,8
WvÃbWd
W
‚ˆ
‡Ãb
W
d
Vout_0 mA
Vout_10 mA
Vout_50 mA
Vout_100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com