Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9251 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MAS9251
Description  REGULATED CHARGE PUMP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAS9251 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MAS9251 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 (11)
DA9251.001
25 October, 2001
0$6
5HJXODWHG&KDUJH3XPS
'&'&&RQYHUWHU
• 6ROXWLRQ ZLWKRXW ,QGXFWRUV
•  P$ 2XWSXW &XUUHQW
• )L[HG 9 RU $GMXVWDEOH2XWSXW
9ROWDJH
• /RZ1RLVH
•  0+] 6ZLWFKLQJ )UHTXHQF\
• ,&& µ$ LQ 6KXW 'RZQ
•
0623DQG &633DFNDJHV
'(6&5,37,21
MAS9251 is a low noise, constant frequency
switched capacitor voltage doubler with regulated
output. In the adjustable output version an external
feedback pin allows the output voltage to be
adjusted.
The
high
switching
frequency
of
MAS9251
guarantees low output ripple even with small
ceramic capacitors. The shutdown control pin can
be used to turn off the device for power saving.
MAS9251 is equipped with soft-start feature, which
reduces the circuit’s disturbance to power supply
lines during start-up by limiting the maximum input
current.
Low operating input voltage and low external part
count make MAS9251 ideal for small battery
powered portable systems. An internal thermal
protection
circuit
prevents
the
device
from
overheating. Also the maximum output current is
internally limited.
)($785(6
$33/,&$7,216
• Two versions:
Adjustable Output
Fixed 5 V Output
• Solution without Inductors
• Soft-Start
• Output Accuracy < ± 4%
• Low External Part Count
• Low Noise
• Input Voltage Range: 2.7 V… 4.5 V
• Shutdown Control
• 1 MHz Switching Frequency
• Internal Thermal Shutdown
• Short Circuit Protection
• MSOP-8 and CSP Packages
• LED Backlighting
• White LED Driver
• LED Brightness Control
• Li-Ion Battery Backup Supplies
• Local 3 V to 5 V Conversion
• Smart Card Readers
• PCMCIA Local 5 V Supplies
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.


Similar Part No. - MAS9251

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270C2SN06 MAS-MAS9270C2SN06 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270C3SN06 MAS-MAS9270C3SN06 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270CASN06 MAS-MAS9270CASN06 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9270CTB1 MAS-MAS9270CTB1 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
More results

Similar Description - MAS9251

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
Regulated Step-Down Charge Pump DC/DC Converter
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
STMicroelectronics
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com