Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX174 Datasheet (PDF) - Maxim Integrated Products

MAX174 Datasheet PDF - Maxim Integrated Products
Part # MAX174
Download  MAX174 Download
File Size   559.71 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Industry Standard Complete 12-Bit A/D Converters

MAX174 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX174 Datasheet PDF - Maxim Integrated Products

Part # MAX174
Download  MAX174 Click to download

File Size   559.71 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Industry Standard Complete 12-Bit A/D Converters

MAX174 Datasheet (HTML) - Maxim Integrated Products


MAX174 Product details

General Description
The MAX174/MX574A/MX674A are complete 12-bit analog-to-digital converters (ADCs) that combine high speed, low-power consumption, and on-chip clock and voltage reference. The maximum conversion times are 8µs (MAX174), 15µs (MX674A), and 25µs (MX574A). Maxim’s BiCMOS construction reduces power dissipation 3 times (150mW) over comparable devices. The internal buried zener reference provides low-drift and low-noise performance. External component requirements are limited to only decoupling capacitors and fixed resistors. The versatile analog input structure allows for 0 to +10V or 0 to +20V unipolar or ±5V or ±10V bipolar input ranges with pin strapping.

Features
♦ Complete ADC with Reference and Clock
♦ 12-Bit Resolution and Linearity
♦ No Missing Codes Over Temperature
♦ 150mW Power Dissipation
♦ 8µs (MAX174), 15µs (MX674A), and 25µs (MX574A)
   Max Conversion Times
♦ Precision Low TC Reference: 10ppm/NC
♦ Monolithic BiCMOS Construction
♦ 150ns Maximum Data Access Time
  
Applications
   Digital Signal Processing
   High-Accuracy Process Control
   High-Speed Data Acquisition
   Electro-Mechanical Systems




Similar Part No. - MAX174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174 Datasheet
1Mb / 18P
Industry-Standard, Complete 12-Bit ADCs
Rev 3; 8/11
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
MAX17409GTI+ MAXIM-MAX17409GTI+ Datasheet
511Kb / 32P
1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
MAX1740EUB MAXIM-MAX1740EUB Datasheet
327Kb / 12P
SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
More results


Similar Description - MAX174

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD674B AD-AD674B Datasheet
247Kb / 12P
Complete 12-Bit A/D Converters
4/02-REV.C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
FAST, COMPLETE 12-BIT A/D CONVERTERS
logo
Integrated Circuit Syst...
MN3850 ICST-MN3850 Datasheet
756Kb / 4P
Industry Standard Military 12-bit D/A Converters
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174_11 Datasheet
1Mb / 18P
Industry-Standard, Complete 12-Bit ADCs
Rev 3; 8/11
logo
Analog Devices
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
logo
API Technologies Corp
MN3850 APITECH-MN3850 Datasheet
779Kb / 4P
Industry Standard Military 12-bit D/A Converters
logo
Analog Devices
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
logo
Maxim Integrated Produc...
MAX174 MAXIM-MAX174_V01 Datasheet
1Mb / 18P
Industry-Standard, Complete 12-Bit ADCs
2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com