Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1779 Datasheet (PDF) - Maxim Integrated Products

MAX1779 Datasheet PDF - Maxim Integrated Products
Part # MAX1779
Download  MAX1779 Download
File Size   503.39 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power Triple-Output TFT LCD DC-DC Converter

MAX1779 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1779 Datasheet PDF - Maxim Integrated Products

Part # MAX1779
Download  MAX1779 Click to download

File Size   503.39 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power Triple-Output TFT LCD DC-DC Converter

MAX1779 Datasheet (HTML) - Maxim Integrated Products


MAX1779 Product details

General Description
The MAX1779 triple-output DC-DC converter provides highly efficient regulated voltages required by small active matrix, thin-film transistor (TFT) liquid-crystal displays (LCDs). One high-power DC-DC converter and two low-power charge pumps convert the +2.7V to +5.5V input supply voltage into three independent output voltages.
The primary high-power DC-DC converter generates a boosted output voltage (VMAIN) up to 13V that is regulated within ±1%. The low-power BiCMOS control circuitry and the low on-resistance (1Ω) of the integrated power MOSFET allows efficiency up to 91%. The 250kHz current-mode pulse-width modulation (PWM) architecture provides fast transient response and allows the use of ultra-small inductors and ceramic capacitors.
The dual charge pumps independently regulate one positive output (VPOS) and one negative output (VNEG). These low-power outputs use external diode and capacitor stages (as many stages as required) to regulate output voltages up to +40V and down to -40V. A proprietary regulation algorithm minimizes output ripple, as well as capacitor sizes for both charge pumps.
The MAX1779 is available in the ultra-thin TSSOP package (1.1mm max height).

Features
♦ Three Integrated DC-DC Converters
♦ 250kHz Current-Mode PWM Boost Regulator
   Up to +13V Main High-Power Output
   ±1% Accuracy
   High Efficiency (91%)
♦ Dual Charge-Pump Outputs
   Up to +40V Positive Charge-Pump Output
   Down to -40V Negative Charge-Pump Output
♦ Internal Supply Sequencing
♦ Internal Power MOSFETs
♦ +2.7V to +5.5V Input Supply
♦ 0.1µA Shutdown Current
♦ 0.5mA Quiescent Current
♦ Internal Soft-Start
♦ Power-Ready Output
♦ Ultra-Small External Components
♦ Thin TSSOP Package (1.1mm max)

Applications
   TFT Active-Matrix LCD Displays
   Passive-Matrix LCD Displays
   PDAs
   Digital-Still Cameras
   Camcorders




Similar Part No. - MAX1779

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX17793 AD-MAX17793 Datasheet
2Mb / 32P
3V to 80V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 11/24
MAX17793AFN+ AD-MAX17793AFN+ Datasheet
2Mb / 32P
3V to 80V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 11/24
MAX17793AFN+T AD-MAX17793AFN+T Datasheet
2Mb / 32P
3V to 80V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 11/24
MAX17795 AD-MAX17795 Datasheet
1,003Kb / 31P
3V to 80V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0 11/25
MAX17795AFN+ AD-MAX17795AFN+ Datasheet
1,003Kb / 31P
3V to 80V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0 11/25
More results


Similar Description - MAX1779

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
757Kb / 18P
ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
V 1.0
logo
Maxim Integrated Produc...
MAX17062 MAXIM-MAX17062 Datasheet
250Kb / 14P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
V 2.0011
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Linear Technology
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Global Mixed-mode Techn...
G5561A GMT-G5561A Datasheet
152Kb / 2P
Quad-Output TFT LCD Bias DC-DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com