Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17795AFN+ Datasheet (PDF) - Analog Devices

MAX17795AFN+ Datasheet PDF - Analog Devices
Part # MAX17795AFN+
Download  MAX17795AFN+ Download
File Size   1003.55 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3V to 80V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter

MAX17795AFN+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17795AFN+ Datasheet PDF - Analog Devices

Part # MAX17795AFN+
Download  MAX17795AFN+ Click to download

File Size   1003.55 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3V to 80V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter

MAX17795AFN+ Datasheet (HTML) - Analog Devices


MAX17795AFN+ Product details

FEATURES
 Reduces Solution Size and Cost
 No Schottky–Synchronous Operation
 Internal Compensation Components
 All-Ceramic Capacitors, Compact Layout
 Adjustable Output Range from 0.6V to 90% of VIN
 300kHz to 1.5MHz Adjustable Frequency with
External Clock Synchronization
 EMI with Symmetrical IN Pins
 4mm x 4mm 18L-FC2QFN
 Reduces Power Dissipation
 Peak Efficiency of 92% (VIN = 48V and VOUT = 5V)
 Enhanced Light-Load Efficiency with Switching
Frequency Modulation (SFM) Mode
 External Bias Input for Improved Efficiency
 Die Temperature Monitoring
 Operates Reliably in Adverse Industrial
Environments
 Built-In Hiccup-Mode Overload Protection
 Programmable Soft-Start
 Built-In Output-Voltage Monitoring with
RESET/TJ Pin
 Programmable EN/UVLO Threshold
 Complies with CISPR32 (EN55032) Class B
Conducted and Radiated Emissions
 High Industrial -40°C to +125°C Ambient
Operating Temperature Range/-40°C to +150°C
Junction Temperature Range




Similar Part No. - MAX17795AFN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
logo
Analog Devices
MAX17793 AD-MAX17793 Datasheet
2Mb / 32P
3V to 80V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 11/24
MAX17793AFN+ AD-MAX17793AFN+ Datasheet
2Mb / 32P
3V to 80V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 11/24
MAX17793AFN+T AD-MAX17793AFN+T Datasheet
2Mb / 32P
3V to 80V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 11/24
logo
Maxim Integrated Produc...
MAX1779EUE MAXIM-MAX1779EUE Datasheet
503Kb / 18P
Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
More results


Similar Description - MAX17795AFN+

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
Global Mixed-mode Techn...
G5676 GMT-G5676 Datasheet
39Kb / 1P
5A Synchronous Step-Down DC/DC
G5675 GMT-G5675 Datasheet
48Kb / 1P
5A Synchronous Step-Down DC/DC
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
high efficiency synchronous PWM step down DC/DC converter
logo
Maxim Integrated Produc...
MAX17546 MAXIM-MAX17546 Datasheet
819Kb / 19P
4.5V–42V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 6/15
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
high efficiency synchronous PWM step down DC/DC converter
logo
Maxim Integrated Produc...
MAX17506 MAXIM-MAX17506_V01 Datasheet
739Kb / 20P
4.5V??0V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com