Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17793 Datasheet (PDF) - Analog Devices

MAX17793 Datasheet PDF - Analog Devices
Part # MAX17793
Download  MAX17793 Download
File Size   2475.19 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3V to 80V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter

MAX17793 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17793 Datasheet PDF - Analog Devices

Part # MAX17793
Download  MAX17793 Click to download

File Size   2475.19 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3V to 80V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter

MAX17793 Datasheet (HTML) - Analog Devices


MAX17793 Product details

FEATURES
 Reduces solution size and Cost
 No Schottky–Synchronous Operation
 Internal Compensation Components
 All-Ceramic Capacitors, Compact Layout
 Adjustable Output Range from 0.6V to 90% of VIN
 300kHz to 1.5MHz Adjustable Frequency with
External Clock Synchronization
 EMI with symmetrical IN pins
 4mm x 4mm 18L-FC2QFN
 Reduces Power Dissipation
 Peak Efficiency of 91% (VIN = 48V and VOUT = 5V)
 Enhanced Light-load Efficiency with Switching
Frequency Modulation (SFM) Mode
 External Bias Input for Improved Efficiency
 Die Temperature Monitoring
 Operates Reliably in Adverse Industrial
Environments
 Built-in Hiccup-Mode Overload Protection
 Programmable Soft-Start
 Built-in Output-Voltage Monitoring with
RESET/TJ pin
 Programmable EN/UVLO Threshold
 Complies with CISPR32 (EN55032) Class B
Conducted and Radiated Emissions
 High Industrial -40°C to +125°C Ambient
Operating Temperature Range/-40°C to +150°C
Junction Temperature range

APPLICATIONS
 Industrial, Avionics and Heavy Equipment
 Factory and Building Automation
 Motor Control
 General Purpose Power Supply




Similar Part No. - MAX17793

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
logo
Analog Devices
MAX17795 AD-MAX17795 Datasheet
1,003Kb / 31P
3V to 80V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0 11/25
MAX17795AFN+ AD-MAX17795AFN+ Datasheet
1,003Kb / 31P
3V to 80V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0 11/25
MAX17795AFN+T AD-MAX17795AFN+T Datasheet
1,003Kb / 31P
3V to 80V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0 11/25
logo
Maxim Integrated Produc...
MAX1779EUE MAXIM-MAX1779EUE Datasheet
503Kb / 18P
Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
More results


Similar Description - MAX17793

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2103 INTERSIL-ZL2103 Datasheet
929Kb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
May 3, 2011
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
high efficiency synchronous PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
high efficiency synchronous PWM step down DC/DC converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17524 MAXIM-MAX17524 Datasheet
798Kb / 24P
4.5V to 60V, 3A, Dual-Output, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 12/17
logo
Renesas Technology Corp
ZL2103 RENESAS-ZL2103 Datasheet
1Mb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17524 MAXIM-MAX17524_V01 Datasheet
1Mb / 25P
4.5V to 60V, Dual 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2019
MAX16961 MAXIM-MAX16961_V01 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com