Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17482 Datasheet (PDF) - Maxim Integrated Products

MAX17482 Datasheet PDF - Maxim Integrated Products
Part # MAX17482
Download  MAX17482 Download
File Size   884.29 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies

MAX17482 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17482 Datasheet PDF - Maxim Integrated Products

Part # MAX17482
Download  MAX17482 Click to download

File Size   884.29 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies

MAX17482 Datasheet (HTML) - Maxim Integrated Products


MAX17482 Product details

General Description
The MAX17021/MAX17082/MAX17482 are 2/1-phase interleaved Quick-PWM™ step-down VID power-supply controllers for notebook CPUs. True out-of-phase operation reduces input ripple current requirements and output- voltage ripple, while easing component selection and layout difficulties. The Quick-PWM control provides instantaneous response to fast load-current steps. Active voltage positioning reduces power dissipation and bulk output capacitance requirements and allows ideal positioning compensation for tantalum, polymer, or ceramic bulk output capacitors.

Features
♦ Single-/Dual-Phase, Quick-PWM Controllers
♦ MAX17021 IMVP-6+ (Montevina)
♦ MAX17082/MAX17482 IMVP-6.5 (Calpella)
♦ ±0.5% VOUT Accuracy Over Line, Load, and Temperature
♦ 7-Bit 0 to 1.50V VID Control
♦ Dynamic Phase Selection Optimizes Active/Sleep Efficiency
♦ Transient Phase Overlap Reduces Output Capacitance
♦ Integrated Boost Switches
♦ Active Voltage Positioning with Adjustable Gain
♦ Programmable 200kHz to 800kHz Switching Frequency
♦ Accurate Current Balance and Current Limit
♦ Adjustable Slew-Rate Control
♦ Power-Good, Clock Enable, and Thermal-Fault Outputs
♦ Phase Current Imbalance Fault Output
♦ Drives Large Synchronous Rectifier MOSFETs
♦ 4V to 26V Battery Input-Voltage Range
♦ Undervoltage and Thermal-Fault Protection
♦ Overvoltage Protection (MAX17021/MAX17082)
♦ Soft-Startup and Soft-Shutdown




Similar Part No. - MAX17482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
MAX17480 MAXIM-MAX17480 Datasheet
994Kb / 48P
AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX17480GTL+ MAXIM-MAX17480GTL+ Datasheet
994Kb / 48P
AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX1748EUE MAXIM-MAX1748EUE Datasheet
277Kb / 16P
Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
More results


Similar Description - MAX17482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1519 MAXIM-MAX1519 Datasheet
826Kb / 43P
Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Rev 1; 9/03
MAX1907A MAXIM-MAX1907A Datasheet
21Kb / 1P
Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
MAX17030 MAXIM-MAX17030 Datasheet
649Kb / 38P
1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17528 MAXIM-MAX17528 Datasheet
899Kb / 41P
1-Phase Quick-PWM Intel IMVP-6.5/GMCH Controllers
Rev 0; 7/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
logo
Intersil Corporation
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
Two-phase Core Controllers (Montevina, IMVP-6)
June 14, 2010
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
Two-phase Core Controllers (Montevina, IMVP-6)
logo
Maxim Integrated Produc...
MAX8796 MAXIM-MAX8796 Datasheet
75Kb / 4P
1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
2012
MAX8796EVKIT MAXIM-MAX8796EVKIT Datasheet
75Kb / 4P
1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
19-2452 Rev 2
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com