Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17480 Datasheet (PDF) - Maxim Integrated Products

MAX17480 Datasheet PDF - Maxim Integrated Products
Part # MAX17480
Download  MAX17480 Download
File Size   994.63 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description AMD 2-/3-Output Mobile Serial VID Controller

MAX17480 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17480 Datasheet PDF - Maxim Integrated Products

Part # MAX17480
Download  MAX17480 Click to download

File Size   994.63 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description AMD 2-/3-Output Mobile Serial VID Controller

MAX17480 Datasheet (HTML) - Maxim Integrated Products


MAX17480 Product details

General Description
The MAX17480 is a triple-output, step-down, fixed frequency controller for AMD’s serial VID interface (SVI) CPU and northbridge (NB) core supplies. The MAX17480 consists of two high-current SMPSs for the CPU cores and one 4A internal switch SMPS for the NB core. The two CPU core SMPSs run 180° out-of-phase for true interleaved operation, minimizing input capacitance. The 4A internal switch SMPS runs at twice the switching frequency of the core SMPS, reducing the size of the external components.
The MAX17480 is fully AMD SVI compliant. Output voltages are dynamically changed through a 2-wire SVI,allowing the SMPSs to be individually programmed to different voltages. A slew-rate controller allows controlled transitions between VID codes and controlled soft-start. SVI also allows each SMPS to be individually set into a low-power pulse-skipping state.

Features
♦ Dual-Output Fixed-Frequency Core Supply Controller
   Split or Combinable Outputs Detected at Power-Up
   Dynamic Phase Selection Optimizes
   Active/Sleep Efficiency
   Transient Phase Repeat Reduces Output Capacitance
   True Out-of-Phase Operation Reduces Input Capacitance
   Programmable AC and DC Droop
   Accurate Current Balance and Current Limit
   Integrated Drivers for Large Synchronous
   Rectifier MOSFETs
   Programmable 100kHz to 600kHz Switching Frequency
   4V to 26V Battery Input Voltage Range
♦ 4A Internal Switch Northbridge SMPS
   2.7V to 5.5V Input Voltage Range
   2x Programmable Switching Frequency
   75mΩ/40mΩPower Switches
♦ ±0.5% VOUTAccuracy over Line, Load, and
   Temperature
♦ AMD SVI-Compliant Serial Interface with
   Switchable Address
♦ 7-Bit On-Board DAC: 0 to +1.550V Output Adjust Range
♦ Integrated Boost Switches
♦ Adjustable Slew-Rate Control
♦ Power-Good (PWRGD) and Thermal-Fault
   (VRHOT) Outputs
♦ System Power-OK (PGD_IN) Input
♦ Overvoltage, Undervoltage, and Thermal-Fault
   Protection
♦ Voltage Soft-Startup and Passive Shutdown
♦ < 1µA Typical Shutdown Current

Applications
   Mobile AMD SVI Core Supplies
   Multiphase CPU Core Supplies
   Voltage-Positioned, Step-Down Converters
   Notebook/Desktop Computers




Similar Part No. - MAX17480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
MAX17482 MAXIM-MAX17482 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17482GTL+ MAXIM-MAX17482GTL+ Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX1748EUE MAXIM-MAX1748EUE Datasheet
277Kb / 16P
Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
More results


Similar Description - MAX17480

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676 Datasheet
387Kb / 16P
Mobile AMD AthlonTM VRM Controller
logo
Linear Technology
LTC3730 LINER-LTC3730 Datasheet
341Kb / 27P
3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
logo
Maxim Integrated Produc...
MAX17009 MAXIM-MAX17009 Datasheet
710Kb / 45P
AMD Mobile Serial VID Dual-Phase Fixed-Frequency Controller
0; 5/07
MAX17080 MAXIM-MAX17080 Datasheet
983Kb / 48P
AMD 2-/3-Output Mobile Serial VID Controller
Rev 1; 5/09
logo
Feature Integration Tec...
F75125 FINTEK-F75125 Datasheet
1Mb / 34P
Serial VID, Parallel VID Translator for AMD AM2 and AM2
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
Mobile AMD Athlon??VRM Controller
logo
Linear Technology
LTC3730 LINER-LTC3730_15 Datasheet
388Kb / 28P
3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
logo
Richtek Technology Corp...
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
RT3663BM RICHTEK-RT3663BM Datasheet
526Kb / 43P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
September 2019
RT8880C RICHTEK-RT8880C Datasheet
505Kb / 42P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
March 2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com