Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17080 Datasheet (PDF) - Maxim Integrated Products

MAX17080 Datasheet PDF - Maxim Integrated Products
Part # MAX17080
Download  MAX17080 Download
File Size   983.58 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description AMD 2-/3-Output Mobile Serial VID Controller

MAX17080 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17080 Datasheet PDF - Maxim Integrated Products

Part # MAX17080
Download  MAX17080 Click to download

File Size   983.58 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description AMD 2-/3-Output Mobile Serial VID Controller

MAX17080 Datasheet (HTML) - Maxim Integrated Products


MAX17080 Product details

General Description
The MAX17080 is a triple-output, step-down, fixed frequency controller for AMD’s serial VID interface (SVI) CPU and northbridge (NB) core supplies. The MAX17080 consists of two high-current SMPSs for the CPU cores and one 3A internal switch SMPS for the NB core. The two CPU core SMPSs run 180° out-of-phase for true interleaved operation, minimizing input capacitance. The 3A internal switch SMPS runs at twice the switching frequency of the core SMPS, reducing the size of the external components.

Features
♦ Dual-Output Fixed-Frequency Core Supply Controller
   Split or Combinable Outputs Detected at Power-Up
   Dynamic Phase Selection Optimizes Active/Sleep Efficiency
   Transient Phase Repeat Reduces Output Capacitance
   True Out-of-Phase Operation Reduces Input Capacitance
   Programmable AC and DC Droop
   Accurate Current Balance and Current Limit
   Integrated Drivers for Large Synchronous Rectifier MOSFETs
   Programmable 100kHz to 600kHz Switching Frequency
   4V to 26V Battery Input Voltage Range
♦ 3A Internal Switch Northbridge SMPS
   2.7V to 5.5V Input Voltage Range
   2x Programmable Switching Frequency
   100mΩ/50mΩ Power Switches
♦ ±0.5% VOUT Accuracy over Line, Load, and Temperature
♦ AMD SVI-Compliant Serial Interface with Switchable Address
♦ 7-Bit On-Board DAC: 0 to +1.550V Output Adjust Range
♦ Integrated Boost Switches
♦ Adjustable Slew-Rate Control
♦ Power-Good (PWRGD) and Thermal-Fault (VRHOT) Outputs
♦ System Power-OK (PGD_IN) Input
♦ Overvoltage, Undervoltage, and Thermal-Fault Protection
♦ Voltage Soft-Startup and Passive Shutdown
♦ < 1µA Typical Shutdown Current




Similar Part No. - MAX17080

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1708 MAXIM-MAX1708 Datasheet
332Kb / 13P
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 0; 7/01
MAX1708 MAXIM-MAX1708 Datasheet
350Kb / 14P
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX17082 MAXIM-MAX17082 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17082GTL+ MAXIM-MAX17082GTL+ Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
More results


Similar Description - MAX17080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676 Datasheet
387Kb / 16P
Mobile AMD AthlonTM VRM Controller
logo
Linear Technology
LTC3730 LINER-LTC3730 Datasheet
341Kb / 27P
3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
logo
Maxim Integrated Produc...
MAX17480 MAXIM-MAX17480 Datasheet
994Kb / 48P
AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX17009 MAXIM-MAX17009 Datasheet
710Kb / 45P
AMD Mobile Serial VID Dual-Phase Fixed-Frequency Controller
0; 5/07
logo
Feature Integration Tec...
F75125 FINTEK-F75125 Datasheet
1Mb / 34P
Serial VID, Parallel VID Translator for AMD AM2 and AM2
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
Mobile AMD Athlon??VRM Controller
logo
Linear Technology
LTC3730 LINER-LTC3730_15 Datasheet
388Kb / 28P
3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
logo
Richtek Technology Corp...
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
RT3663BM RICHTEK-RT3663BM Datasheet
526Kb / 43P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
September 2019
RT8880C RICHTEK-RT8880C Datasheet
505Kb / 42P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
March 2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com