Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1836 Datasheet (PDF) - Maxim Integrated Products

MAX1836 Datasheet PDF - Maxim Integrated Products
Part # MAX1836
Download  MAX1836 Download
File Size   394.93 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 24V Internal Switch, 100% Duty Cycle, Step-Down Converters

MAX1836 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1836 Datasheet PDF - Maxim Integrated Products

Part # MAX1836
Download  MAX1836 Click to download

File Size   394.93 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 24V Internal Switch, 100% Duty Cycle, Step-Down Converters

MAX1836 Datasheet (HTML) - Maxim Integrated Products


MAX1836 Product details

General Description
The MAX1836/MAX1837 high-efficiency step-down converters provide a preset 3.3V or 5V output voltage from supply voltages as high as 24V. Using external feedback resistors, the output voltage can be adjusted from 1.25V to VIN. An internal current-limited switching MOSFET delivers load currents up to 125mA (MAX1836) or 250mA (MAX1837).
The unique current-limited control scheme, operating with duty cycles up to 100%, minimizes the dropout voltage (120mV at 100mA). Additionally, this control scheme reduces supply current under light loads to 12μA. High switching frequencies allow the use of tiny surface-mount inductors and output capacitors.
The MAX1836/MAX1837 step-down converters with internal switching MOSFETs are available in 6-pin SOT23 and 3mm x 3mm TDFN packages, making them ideal for low-cost, low-power, space-sensitive applications. For increased output drive capability, use the MAX1776 step-down converter that uses an internal 24V switch to deliver up to 500mA. For even higher currents, use the MAX1626/MAX1627 step-down controllers that drive an external P-channel MOSFET to deliver up to 20W.

Features
● 4.5V to 24V Input Voltage Range
● Preset 3.3V or 5V Output
● Adjustable Output from 1.25V to VIN
● Output Currents Up to 125mA (MAX1836) or 250mA (MAX1837)
● Efficiency Over 90%
● 12μA Quiescent Current
● 3μA Shutdown Current
● 100% Maximum Duty Cycle for Low Dropout
● Small 6-Pin SOT23 and TDFN Packages

Applications
● 9V Battery Systems
● Notebook Computers
● Distributed Power Systems
● Backup Supplies
● 4mA to 20mA Loop Power Supplies
● Industrial Control Supplies
● Handheld Devices




Similar Part No. - MAX1836

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836 Datasheet
1Mb / 15P
24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1836ETT33-T MAXIM-MAX1836ETT33-T Datasheet
1Mb / 15P
24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1836ETT50-T MAXIM-MAX1836ETT50-T Datasheet
1Mb / 15P
24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1836EUT33-T MAXIM-MAX1836EUT33-T Datasheet
1Mb / 15P
24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
MAX1836EUT50-T MAXIM-MAX1836EUT50-T Datasheet
1Mb / 15P
24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
More results


Similar Description - MAX1836

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1776 MAXIM-MAX1776 Datasheet
740Kb / 13P
24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter
19-1975; Rev 2; 7/03
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Linear Technology
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430 Datasheet
160Kb / 9P
Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
logo
Linear Technology
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836_V01 Datasheet
1Mb / 15P
24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com