Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1875 Datasheet (PDF) - Maxim Integrated Products

MAX1875 Datasheet PDF - Maxim Integrated Products
Part # MAX1875
Download  MAX1875 Download
File Size   493.1 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR

MAX1875 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1875 Datasheet PDF - Maxim Integrated Products

Part # MAX1875
Download  MAX1875 Click to download

File Size   493.1 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR

MAX1875 Datasheet (HTML) - Maxim Integrated Products


MAX1875 Product details

General Description
The MAX1875/MAX1876 dual, synchronized, step-down controller generates two outputs from input supplies ranging from 4.75V to 23V. Each output is adjustable from sub-1V to 18V and supports loads of 10A or higher. Input voltage ripple and total RMS input ripple current are reduced by synchronized 180° out-of-phase operation.

Features
♦ Two Independent Output Voltages
♦ 180° Out-of-Phase Operation
♦ 90° Out-of-Phase Operation (Using Two MAX1875/MAX1876s)
♦ Foldback Current Limit
♦ 4.75V to 23V Input Supply Range
♦ 0 to 18V Output-Voltage Range (Up to 10A)
♦ >90% Efficiency
♦ Fixed-Frequency Pulse-Width Modulation (PWM) Operation
♦ Adjustable 100kHz to 600kHz Switching Frequency
♦ External SYNC Input
♦ Clock Output for Master/Slave Synchronization
♦ Soft-Start and Soft-Stop
♦ RST Output with 140ms Minimum Delay (MAX1876)
♦ Lossless Current Limit (No Sense Resistor)

Applications
    Network Power Supplies
    Telecom Power Supplies
    DSP, ASIC, and FPGA Power Supplies
    Set-Top Boxes
    Broadband Routers
    Servers




Similar Part No. - MAX1875

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1875AEEG MAXIM-MAX1875AEEG Datasheet
553Kb / 22P
Dual 180째 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
19-2966; Rev 0; 10/03
More results


Similar Description - MAX1875

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1858A MAXIM-MAX1858A Datasheet
553Kb / 22P
Dual 180째 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
19-2966; Rev 0; 10/03
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
MAX8529 MAXIM-MAX8529 Datasheet
447Kb / 21P
1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
July 19, 2011
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
logo
Renesas Technology Corp
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com