Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1879 Datasheet (PDF) - Maxim Integrated Products

MAX1879 Datasheet PDF - Maxim Integrated Products
Part # MAX1879
Download  MAX1879 Download
File Size   198.03 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Simple, Efficient, 1-Cell Li Pulse Charger

MAX1879 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1879 Datasheet PDF - Maxim Integrated Products

Part # MAX1879
Download  MAX1879 Click to download

File Size   198.03 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Simple, Efficient, 1-Cell Li Pulse Charger

MAX1879 Datasheet (HTML) - Maxim Integrated Products


MAX1879 Product details

General Description
The MAX1879 single-cell lithium-ion (Li+) battery charger utilizes an efficient pulse-charging architecture to minimize power dissipation in portable devices. This architecture combines the efficiency of switch-mode chargers with the simplicity and low cost of linear chargers. This simple device, in conjunction with a current-limited wall cube and a PMOS transistor, allows safe and fast charging of a single Li+ cell.

Features
♦ Simple Design Minimizes Heat
♦ Low Component Count, No Inductor
♦ Battery-Full Indicator
♦ 0.75% Accurate Battery Regulation
♦ 1.5µA (max) Battery Current Drain with Wall Cube Removed
♦ Restart Charging at 4.0V
♦ Continuous Overvoltage and Overtemperature Protection
♦ Safely Precharges Near-Dead Cells
♦ Automatic Power-Down when Power Source is Removed
♦ Charges 1 Cell from as Low as 4.5V
♦ Pin-Compatible Upgrade to MAX1679

Applications
    Single-Cell Li+ Powered Portables
    Self-Charging Battery Packs
    PDAs
    Cell Phones
    Cradle Chargers




Similar Part No. - MAX1879

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187 Datasheet
323Kb / 24P
Complete Evaluation System Includes EV Kit and 68HC16 C Module
Rev. 0; 9/94
MAX1870 MAXIM-MAX1870 Datasheet
509Kb / 32P
Step-Up/Step-Down Li Battery Charger
Rev 1; 9/05
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 32P
Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
Step-Up/Step-Down Li Battery Charger
2015
More results


Similar Description - MAX1879

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
July 2, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
Maxim Integrated Produc...
MAX8971 MAXIM-MAX8971 Datasheet
3Mb / 39P
Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
Rev 0; 1/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
Intersil Corporation
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Maxim Integrated Produc...
MAX8971 MAXIM-MAX8971_V01 Datasheet
2Mb / 45P
Industrys Smallest 1.55A 1-Cell Li DC-DC Charger
45
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com