Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX189 Datasheet (PDF) - Maxim Integrated Products

MAX189 Datasheet PDF - Maxim Integrated Products
Part # MAX189
Download  MAX189 Download
File Size   210.67 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Linear Charger for Single-Cell Li Battery

MAX189 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX189 Datasheet PDF - Maxim Integrated Products

Part # MAX189
Download  MAX189 Click to download

File Size   210.67 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Linear Charger for Single-Cell Li Battery

MAX189 Datasheet (HTML) - Maxim Integrated Products


MAX189 Product details

General Description
The MAX1898, with an external PNP or PMOS transistor, forms a complete charger for 1-cell lithium-ion (Li+) batteries. The MAX1898 provides accurate constant-current/constant-voltage charging. Battery regulation voltage accuracy is ±0.75% for optimum battery performance and cycle life. Charging current is user set, but is sensed internally so no external current-sense resistor is needed.

Features
♦ Simple, Safe Linear Charger
♦ Uses Low-Cost PNP or PMOS Pass Element
♦ 4.5V to 12V Input Range
♦ Internal Current-Sense Resistor
♦ ±0.75% Voltage Accuracy
♦ Programmable Charging Current
♦ Automatic Input Power-Source Detection
♦ LED Charge Status Indicator
♦ Programmable Safety Timer
♦ Current-Sense Monitor Output
♦ Optional/Adjustable Auto-Restart
♦ Small µMAX Package

Applications
    Single-Cell Li+ Powered Portables
    Self-Charging Battery Packs
    PDAs
    Cell Phones
    Cradle Chargers




Similar Part No. - MAX189

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189 MAXIM-MAX189 Datasheet
177Kb / 20P
5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX189 MAXIM-MAX189 Datasheet
755Kb / 10P
1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
MAX1894 MAXIM-MAX1894 Datasheet
308Kb / 16P
Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894-MAX1924 MAXIM-MAX1894-MAX1924 Datasheet
308Kb / 16P
Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894XEEE MAXIM-MAX1894XEEE Datasheet
308Kb / 16P
Advanced Li Battery-Pack Protectors
Rev 0; 4/02
More results


Similar Description - MAX189

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Monolithic Power System...
MP2603 MPS-MP2603 Datasheet
342Kb / 9P
Single-Cell 150mA Linear Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com