Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX194 Datasheet (PDF) - Maxim Integrated Products

MAX194 Datasheet PDF - Maxim Integrated Products
Part # MAX194
Download  MAX194 Download
File Size   223.68 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 14-Bit, 85ksps ADC with 10A Shutdown

MAX194 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX194 Datasheet PDF - Maxim Integrated Products

Part # MAX194
Download  MAX194 Click to download

File Size   223.68 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 14-Bit, 85ksps ADC with 10A Shutdown

MAX194 Datasheet (HTML) - Maxim Integrated Products


MAX194 Product details

General Description
The MAX194 is a 14-bit successive-approximation analog-to-digital converter (ADC) that combines high speed, high accuracy, low power consumption, and a 10µA shutdown mode. Internal calibration circuitry corrects linearity and offset errors to maintain the full rated performance over the operating temperature range without external adjustments. The capacitive-DAC architecture provides an inherent 85ksps track/hold function.
The MAX194, with an external reference (up to +5V), offers a unipolar (0V to VREF) or bipolar (-VREF to VREF) pin-selectable input range. Separate analog and digital supplies minimize digital-noise coupling.

Features
♦ True 14-Bit Accuracy: 1⁄2LSB INL
                                   82dB SINAD
♦ 9.4µs Conversion Time
♦ 10µA Shutdown Mode
♦ Built-In Track/Hold
♦ AC and DC Specified
♦ Unipolar (0V to VREF) and Bipolar (-VREF to VREF) Input Range
♦ Three-State Serial-Data Output
♦ Small 16-Pin DIP, SO, and Ceramic SB Packages
♦ Pin-Compatible 16-Bit Upgrade (MAX195)

Applications
  Portable Instruments     Audio
  Industrial Controls        Robotics
  Multiple Transducer       Medical Signal
  Measurements              Acquisition
  Vibrations Analysis        Digital Signal Processing




Similar Part No. - MAX194

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1940 MAXIM-MAX1940 Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940EEE MAXIM-MAX1940EEE Datasheet
326Kb / 12P
Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1940EEE MAXIM-MAX1940EEE Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
More results


Similar Description - MAX194

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062 Datasheet
377Kb / 17P
14-Bit, %V, 200ksps ADC with 10關A Shutdown
19-2203; Rev 0; 10/01
MAX195 MAXIM-MAX195 Datasheet
311Kb / 28P
16-Bit, 85ksps ADC with 10uA Shutdown
Rev 1; 12/97
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
logo
Maxim Integrated Produc...
MAX1062 MAXIM-MAX1062_09 Datasheet
266Kb / 18P
14-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 1; 5/09
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Linear Technology
LTC1408 LINER-LTC1408_15 Datasheet
506Kb / 20P
6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com