Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1978 Datasheet (PDF) - Maxim Integrated Products

MAX1978 Datasheet PDF - Maxim Integrated Products
Part # MAX1978
Download  MAX1978 Download
File Size   620.27 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Integrated Temperature Controllers for Peltier Modules

MAX1978 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1978 Datasheet PDF - Maxim Integrated Products

Part # MAX1978
Download  MAX1978 Click to download

File Size   620.27 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Integrated Temperature Controllers for Peltier Modules

MAX1978 Datasheet (HTML) - Maxim Integrated Products


MAX1978 Product details

Features

♦Smallest, Safest, Most Accurate Complete Single-Chip Controller

♦On-Chip Power MOSFETS—No External FETs

♦Circuit Footprint < 0.93in2

♦Circuit Height < 3mm

♦Temperature Stability to 0.001°C

♦Integrated Precision Integrator and Chopper Stabilized Op Amps

♦Accurate, Independent Heating and Cooling Current Limits

♦Eliminates Surges By Directly Controlling TEC Current

♦Adjustable Differential TEC Voltage Limit

♦Low-Ripple and Low-Noise Design

♦TEC Current Monitor

♦Temperature Monitor

♦Over- and Undertemperature Alarm

♦Bipolar ±3A Output Current (MAX1978)

♦Unipolar +6A Output Current (MAX1979)




Similar Part No. - MAX1978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1978 MAXIM-MAX1978 Datasheet
321Kb / 20P
Integrated Temperature Controllers for Peltier Modules
Rev 2; 1/10
MAX1978 MAXIM-MAX1978 Datasheet
310Kb / 12P
Overtemperature, Undertemperature, and Analog Temperature Monitor
Rev 0A; 12/02
MAX1978EV MAXIM-MAX1978EV Datasheet
310Kb / 12P
Overtemperature, Undertemperature, and Analog Temperature Monitor
Rev 0A; 12/02
MAX1978EVKIT MAXIM-MAX1978EVKIT Datasheet
310Kb / 12P
Overtemperature, Undertemperature, and Analog Temperature Monitor
Rev 0A; 12/02
MAX1978EVKIT-ND MAXIM-MAX1978EVKIT-ND Datasheet
310Kb / 12P
Overtemperature, Undertemperature, and Analog Temperature Monitor
Rev 0A; 12/02
More results


Similar Description - MAX1978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX1978 MAXIM-MAX1978_10 Datasheet
321Kb / 20P
Integrated Temperature Controllers for Peltier Modules
Rev 2; 1/10
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
Power Drivers for Peltier TEC Modules
Rev 2; 2/07
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
Temperature Controllers
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
Digital Temperature Controllers
logo
Maxim Integrated Produc...
MAX1968 MAXIM-MAX1968_15 Datasheet
294Kb / 16P
Power Drivers for Peltier TEC Modules
Rev 3; 5/15
logo
Omron Electronics LLC
E5CS OMRON-E5CS Datasheet
1Mb / 10P
Temperature Controllers
logo
Renesas Technology Corp
TSE2002B3C RENESAS-TSE2002B3C Datasheet
621Kb / 31P
Temperature Sensor with Integrated EEPROM for Memory Modules
May 12, 2010
TSE2004GB2B0 RENESAS-TSE2004GB2B0 Datasheet
1Mb / 32P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Modules
May 9, 2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com