Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1982 Datasheet (PDF) - Maxim Integrated Products

MAX1982 Datasheet PDF - Maxim Integrated Products
Part # MAX1982
Download  MAX1982 Download
File Size   383.87 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply

MAX1982 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1982 Datasheet PDF - Maxim Integrated Products

Part # MAX1982
Download  MAX1982 Click to download

File Size   383.87 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply

MAX1982 Datasheet (HTML) - Maxim Integrated Products


MAX1982 Product details

General Description
The MAX1982/MAX1983 are low-voltage, low-dropout linear regulators with an external bias supply input. The 5V bias supply drives the gate of the internal N-channel pass transistor, making these devices ideal for applications that require low-voltage outputs from low-voltage inputs. The MAX1982 delivers 1.2V (±3%) at 300mA from an input voltage of 1.25V to 5.5V. The MAX1983 delivers an adjustable output voltage from 0.8V to 2V.

Features
♦ Low-Cost 1.2V, 300mA VID Supply
♦ ±3% Output Voltage Accuracy
♦ No Minimum Load Current Required
♦ 1.25V to 5.5V Input Supply Voltage
♦ 5V Input Bias Supply Voltage
♦ Power-Good (PGOOD) Open-Drain Output with 1ms Rising Edge Propagation Delay (MAX1982)
♦ Adjustable Output Voltage (MAX1983)
♦ Low Supply Current (IBIAS + IIN = 165µA typ)
♦ 5µA (max) Shutdown Supply Current
♦ Tiny 6-Pin SOT23 Package

Applications
    Notebook Computers
    VID Power Supplies
    PDAs
    Cell Phones
    Low-Dropout Regulators with External Bias Supply




Similar Part No. - MAX1982

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982 Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982EUT+T MAXIM-MAX1982EUT+T Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982EUT+T MAXIM-MAX1982EUT+T Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982EUT-T MAXIM-MAX1982EUT-T Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982EUT-T MAXIM-MAX1982EUT-T Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
More results


Similar Description - MAX1982

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
Linear Low-Dropout 150mA Voltage Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX8863T MAXIM-MAX8863T_11 Datasheet
473Kb / 10P
Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
Low-dropout linear regulators
Rev. 1-18 July 2011
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
logo
Maxim Integrated Produc...
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
Supply Current Low-Dropout Linear Regulators
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
623Kb / 21P
500 mA ultra-low dropout linear regulator with bias supply
09-Apr-2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com