Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2232 Datasheet (PDF) - Maxim Integrated Products

MAX2232 Datasheet PDF - Maxim Integrated Products
Part # MAX2232
Download  MAX2232 Download
File Size   156.44 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control

MAX2232 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2232 Datasheet PDF - Maxim Integrated Products

Part # MAX2232
Download  MAX2232 Click to download

File Size   156.44 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control

MAX2232 Datasheet (HTML) - Maxim Integrated Products


MAX2232 Product details

General Description
The MAX2232/MAX2233 low-voltage, silicon RF power amplifiers (PAs) are designed for use in the 900MHz ISM band. They operate from a single +2.7V to +5.5V supply, allowing them to be powered directly from a 3-cell NiCd or a 1-cell Lithium-Ion battery. The devices typically deliver 250mW (+24dBm) of output power at 915MHz from a single +3.6V supply, or 150mW (+22dBm) from a single +2.7V supply. At +24dBm output power, power-added efficiency (PAE) is 44%.

Features
♦ 800MHz to 1000MHz Frequency Range
♦ 250mW (+24dBm) Output Power at 915MHz from +3.6V Supply
♦ +2.7V to +5.5V Single-Supply Operation
♦ 44% Power-Added Efficiency
♦ 24dB Power Gain
♦ 24dB Analog Gain-Control Range (MAX2232)
♦ Three Levels of Digitally Programmed Power Gain in 10dB Steps (MAX2233)
♦ Programmable RF Power Envelope Ramping (MAX2232)
♦ Thermal Shutdown
♦ Programmable Thermal Shutdown Timeout Period
♦ 0.2µA Low-Power Shutdown Mode
♦ Low ∆VWSR in Standby and Shutdown Modes

Applications
    900MHz ISM Band
    Digital Cordless Phones
    Wireless Data
    FM Analog Transmitters
    868MHz European ISM Band




Similar Part No. - MAX2232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2232EVKIT MAXIM-MAX2232EVKIT Datasheet
165Kb / 4P
SMA Input and Output RF Signal Connectors Evaluation Kits
Rev 0; 11/99
More results


Similar Description - MAX2232

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2172 RFMD-RF2172 Datasheet
292Kb / 12P
ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
RF2172 RFMD-RF2172_06 Datasheet
333Kb / 14P
ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
Variable Gain Amplifier with Analog Control
logo
Pulse A Technitrol Comp...
W3112A PULSE-W3112A Datasheet
545Kb / 3P
ISM 900MHz Helical SMD-Antenna
logo
World Produts Inc.
WPANT10073-S1A WPI-WPANT10073-S1A Datasheet
78Kb / 2P
900MHz ISM band Embedded Antenna
WPANT10091-S1A WPI-WPANT10091-S1A Datasheet
56Kb / 2P
900MHz ISM band Embedded Antenna
logo
Soshin electric Co., Lt...
ARP-482000E SOSHIN-ARP-482000E Datasheet
21Kb / 1P
900MHz Band Chip Power Divider
logo
Qorvo, Inc
RFPA2172 QORVO-RFPA2172 Datasheet
462Kb / 12P
ISM Band 3.6V, 250mW AMP with Analog Gain Control
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com