Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2172 Datasheet (PDF) - RF Micro Devices

RF2172 Datasheet PDF - RF Micro Devices
Part # RF2172
Download  RF2172 Download
File Size   292.11 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL

RF2172 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2172 Datasheet PDF - RF Micro Devices

Part # RF2172
Download  RF2172 Click to download

File Size   292.11 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL

RF2172 Datasheet (HTML) - RF Micro Devices


RF2172 Product details

Product Description
The RF2172 is a medium-power high efficiency amplifier IC targeting 3.6V handheld systems. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in 2.45GHz Bluetooth applications and frequency hopping/direct sequence spread-spectrum cordless telephones or other applications in the 902MHz to 928MHz ISM band.

Features
• 23.5dBm Typical Output Power
• 0dB to 28dB Variable Gain
• 45% Efficiency at Max Output
• On-Board Power Down Mode
• 2.4GHz to 2.5GHz Operation
• 902MHz to 928MHz Operation

Typical Applications
• BluetoothTM PA
• 2.4GHz to 2.5GHz ISM Band Systems
• 902MHz to 928MHz ISM Band Systems
• 3.6V Spread-Spectrum Cordless Phones
• Portable Battery-Powered Equipment
• Spread-Spectrum Systems




Similar Part No. - RF2172

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2172 RFMD-RF2172 Datasheet
333Kb / 14P
ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
RF2172PCBA410 RFMD-RF2172PCBA410 Datasheet
333Kb / 14P
ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
RF2172PCBA411 RFMD-RF2172PCBA411 Datasheet
333Kb / 14P
ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
RF2172 RFMD-RF2172_06 Datasheet
333Kb / 14P
ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
More results


Similar Description - RF2172

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2232 MAXIM-MAX2232 Datasheet
156Kb / 8P
900MHz ISM-Band, 250mW Power Amplifiers with Analog or Digital Gain Control
19-1470; Rev 0; 4/99
MAX3861 MAXIM-MAX3861 Datasheet
1Mb / 13P
2.7Gbps Post Amp with Automatic Gain Control
Rev 0; 02/02
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
logo
RF Micro Devices
RF2172 RFMD-RF2172_06 Datasheet
333Kb / 14P
ISM BAND 3.6V, 250mW AMP WITH ANALOG GAIN CONTROL
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
Variable Gain Amplifier with Analog Control
logo
Qorvo, Inc
RFPA2172 QORVO-RFPA2172 Datasheet
462Kb / 12P
ISM Band 3.6V, 250mW AMP with Analog Gain Control
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com