Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2172 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2172
Description  ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2172 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2172 Datasheet HTML 4Page - RF Micro Devices RF2172 Datasheet HTML 5Page - RF Micro Devices RF2172 Datasheet HTML 6Page - RF Micro Devices RF2172 Datasheet HTML 7Page - RF Micro Devices RF2172 Datasheet HTML 8Page - RF Micro Devices RF2172 Datasheet HTML 9Page - RF Micro Devices RF2172 Datasheet HTML 10Page - RF Micro Devices RF2172 Datasheet HTML 11Page - RF Micro Devices RF2172 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2-220
RF2172
Rev A9 010823
2
POUT versus PIN
VCC=3.6V, VAPC=3.6V, Freq=915MHz
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
PIN (dBm)
Pout -40
Pout 25
Pout 85
POUT versus PIN
VCC=3.0V, VAPC=3.0V, Freq=915MHz
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
PIN (dBm)
Pout -40
Pout 25
Pout 85
Efficiency versus PIN
VCC=3.6V, VAPC=3.6V, Freq=915MHz
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
PIN (dBm)
Eff (%) -40
Eff (%) 25
Eff (%) 85
ICC versus PIN
VCC=3.6V, VAPC=3.6V, Freq=915MHz
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
5.00
PIN (dBm)
Icc -40
Icc 25
Icc 85
POUT versus VAPC
VCC=3.6V, Freq=915MHz, PIN=-3dBm
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
VAPC (V)
Pout -40
Pout 25
Pout 85
ICC versus VAPC
VCC=3.6V, Freq=915MHz, PIN=-3dBm
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.00
0.30
0.60
0.90
1.20
1.50
1.80
2.10
2.40
2.70
3.00 3.30
3.60
VAPC (V)
Icc -40
Icc 25
Icc 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com