Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2172 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2172
Description  ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2172 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2172 Datasheet HTML 1Page - RF Micro Devices RF2172 Datasheet HTML 2Page - RF Micro Devices RF2172 Datasheet HTML 3Page - RF Micro Devices RF2172 Datasheet HTML 4Page - RF Micro Devices RF2172 Datasheet HTML 5Page - RF Micro Devices RF2172 Datasheet HTML 6Page - RF Micro Devices RF2172 Datasheet HTML 7Page - RF Micro Devices RF2172 Datasheet HTML 8Page - RF Micro Devices RF2172 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2-217
RF2172
Rev A9 010823
2
Evaluation Board Schematic - 915MHz
(Download Bill of Materials from www.rfmd.com).
12
11
10
2
4
3
13
14
15
16
1
9
8
7
6
5
C2
22 nF
L1
3.9 nH
R2
3k
Ω
VAPC
C6
22 nF
C5
4pF
L3
3.9 nH
C7
4pF
Bias
22 nF
C8
22 nF
C4
22 nF
C3
22 nF
R1*
OPEN
VCC2
VCC3
L2
2.7 nH
50
Ωµstrip
J2
RF OUT
VCC1
50
Ωµstrip
J1
RF IN
P1
1
2
3
CON3
P1-1
VCC2
GND
P1-3
VCC3
P2
1
2
3
CON3
P2-1
VAPC
GND
P2-3
VCC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com