Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2172 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2172
Description  ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2172 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2172 Datasheet HTML 1Page - RF Micro Devices RF2172 Datasheet HTML 2Page - RF Micro Devices RF2172 Datasheet HTML 3Page - RF Micro Devices RF2172 Datasheet HTML 4Page - RF Micro Devices RF2172 Datasheet HTML 5Page - RF Micro Devices RF2172 Datasheet HTML 6Page - RF Micro Devices RF2172 Datasheet HTML 7Page - RF Micro Devices RF2172 Datasheet HTML 8Page - RF Micro Devices RF2172 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2-216
RF2172
Rev A9 010823
2
Application Schematic - 915MHz
Application Schematic - 2.45GHz
12
11
10
2
4
3
13
14
15
16
1
9
8
7
6
5
22 nF
RF IN
3.9 nH
R
APC
3k
Ω
APC
2.7 nH
22 nF
4pF
3.9 nH
4pF
RFOUT
Bias
22 nF
22 nF
22 nF
22 nF
V
PD
V
CC
V
CC
12
11
10
2
4
3
13
14
15
16
1
9
8
7
6
5
22 nF
RF IN
200
Ω
VAPC
22 nF
1.5 pF
1.5 nH
RF OUT
Bias
4pF
22 nF
22 nF
22 nF
V
CC
V
CC
10
Ω
22 nF
5pF
5pF
10
Ω
V
CC
0.5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com