Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2172 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2172
Description  ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2172 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2172 Datasheet HTML 1Page - RF Micro Devices RF2172 Datasheet HTML 2Page - RF Micro Devices RF2172 Datasheet HTML 3Page - RF Micro Devices RF2172 Datasheet HTML 4Page - RF Micro Devices RF2172 Datasheet HTML 5Page - RF Micro Devices RF2172 Datasheet HTML 6Page - RF Micro Devices RF2172 Datasheet HTML 7Page - RF Micro Devices RF2172 Datasheet HTML 8Page - RF Micro Devices RF2172 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2-214
RF2172
Rev A9 010823
2
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
-0.5 to +6.0
VDC
APC Current (Maximum)
+10
mA
Control Voltage (VPD)
-0.5 to +6.0
VDC
Input RF Power
+10
dBm
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +155
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, V CC=3.6V, VPD=3.6V, VAPC=2.5V
Usable Frequency Range
500 to 2500
MHz
Input Impedance
50
Input VSWR
1.8:1
Without Input Match
Output Load VSWR
<10:1
0< VAPC<3.0V
<6:1
0<VAPC<3.6V
2.45GHz Operation
Freq= 2.4GHz to 2.5GHz, PIN=0dBm
Operating Frequency
2.4 to 2.5
GHz
Maximum Output Power
22
+23.5
24.5
dBm
Total Efficiency
45
%
Reverse Isolation
-25
dB
Second Harmonic
-45
dBc
Third Harmonic
-40
dBc
All Other Spurious
-50
dBc
Output Load Impedance
20-j4.5
Present to part
Gain Control Voltage
0 to VCC
V
High Gain
+22
dB
VAPC=3.6V, VCC=3.6V, PIN=0dBm
Low Gain
-10
dB
VAPC=0V, VCC=3.6V, PIN=0dBm
902MHz Operation
Freq= 902MHz to 928MHz, PIN=-3.0dBm
Operating Frequency
902 to 928
MHz
Maximum Output Power
+24
dBm
Total Efficiency
58
%
Reverse Isolation
-35
dB
Second Harmonic
-40
dBc
Third Harmonic
-40
dBc
All Other Spurious
-50
dBc
Output Load Impedence
20-j1.6
Present to part
Gain Control Voltage
0 to VCC
V
Gain Control Slope
20
dB/V
Gain
0 to 28
dB
Power Supply
Power Supply Voltage
3.6
V
Power Supply Current
145
mA
V CC=3.6V, VAPC=3.6V, PIN=-3dBm,
V PD=3.6V
Idle Current
35
mA
V PD=3.6V, VAPC=3.6V, RF PIN <-30dBm
Power Down Current
2.8
10
µAV
CC =3.6 V, VAPC =0V, V PD = 0V total ICC
I(PD)
4.5
mA
V CC=3.6V, VPD=3.6V into PD pin
I(PD)
2.25
mA
V CC=3.0V, VPD=3.0V into PD pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com