Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3070E Datasheet (PDF) - Maxim Integrated Products

MAX3070E Datasheet PDF - Maxim Integrated Products
Part # MAX3070E
Download  MAX3070E Download
File Size   502.16 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers

MAX3070E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3070E Datasheet PDF - Maxim Integrated Products

Part # MAX3070E
Download  MAX3070E Click to download

File Size   502.16 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers

MAX3070E Datasheet (HTML) - Maxim Integrated Products


MAX3070E Product details

General Description

The MAX3070E–MAX3079E 3.3V, ±15kV ESD-protected, RS-485/RS-422 transceivers feature one driver and one receiver. These devices include fail-safe circuitry, guaranteeing a logic-high receiver output when receiver inputs are open or shorted. The receiver outputs a logic high if all transmitters on a terminated bus are disabled (high impedance). The MAX3070E–MAX3079E include a hot-swap capability to eliminate false transitions on the bus during power-up or hot insertion.



Features

♦3.3V Operation

♦Electrostatic Discharge (ESD) Protection for RS-485 I/O Pins

±15kV Human Body Model

♦True Fail-Safe Receiver While Maintaining EIA/TIA-485 Compatibility

♦Hot-Swap Input Structure on DE and RE

♦Enhanced Slew-Rate Limiting Facilitates Error Free Data Transmission (MAX3070E–MAX3075E/MAX3079E)

♦Low-Current Shutdown Mode (Except MAX3071E/MAX3074E/MAX3077E)

♦Pin-Selectable Full-/Half-Duplex Operation (MAX3079E)

♦Phase Controls to Correct for Twisted-Pair Reversal (MAX3079E)

♦Allow Up to 256 Transceivers on the Bus

♦Available in Industry-Standard 8-Pin SO Package




Similar Part No. - MAX3070E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3070E TI1-MAX3070E Datasheet
1Mb / 37P
SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E Datasheet
2Mb / 23P
3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
logo
Texas Instruments
MAX3070E TI2-MAX3070E Datasheet
2Mb / 46P
SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
REVISED FEBRUARY 2023
logo
Maxim Integrated Produc...
MAX3070EAPD MAXIM-MAX3070EAPD Datasheet
1Mb / 24P
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3070EAPD MAXIM-MAX3070EAPD Datasheet
723Kb / 24P
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Similar Description - MAX3070E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX14780E MAXIM-MAX14780E_11 Datasheet
2Mb / 14P
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com