Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-57R5APZ Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AFCT-57R5APZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AFCT-57R5APZ
Download  AFCT-57R5APZ Download
File Size   517.34 Kbytes
Page   22 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Voltage (3.3V) Fibre Channel Optical Transceiver

AFCT-57R5APZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AFCT-57R5APZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-57R5APZ
Download  AFCT-57R5APZ Click to download

File Size   517.34 Kbytes
Page   22 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Voltage (3.3V) Fibre Channel Optical Transceiver

AFCT-57R5APZ Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - AFCT-57R5APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57R5APZ AVAGO-AFCT-57R5APZ Datasheet
669Kb / 22P
16GFC SFP Digital Diagnostic SFP, 850 nm, 16G/8G/4G Low Voltage (3.3 V) Fibre Channel Optical Transceiver
logo
Broadcom Corporation.
AFCT-57R5APZ BOARDCOM-AFCT-57R5APZ Datasheet
211Kb / 19P
SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
AFCT-57R5APZ BOARDCOM-AFCT-57R5APZ Datasheet
204Kb / 20P
SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
More results


Similar Description - AFCT-57R5APZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
Fibre Channel Transceiver Chip
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57D9AMZ AVAGO-AFBR-57D9AMZ Datasheet
485Kb / 17P
Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57F5AMZ AVAGO-AFBR-57F5AMZ Datasheet
299Kb / 22P
Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFBR-5921ALZ AVAGO-AFBR-5921ALZ_15 Datasheet
691Kb / 13P
RoHS-Compliant Optical Transceiver for Fibre Channel
AFBR-5922ALZ AVAGO-AFBR-5922ALZ Datasheet
779Kb / 13P
RoHS-Compliant Optical Transceiver for Fibre Channel
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
Fibre Channel Optical Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com