Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-57R5APZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-57R5APZ
Description  Low Voltage (3.3V) Fibre Channel Optical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-57R5APZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-57R5APZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Figure 1. Transceiver functional diagram.
Rx Vout &
Emphasis
Rx
CDR
Tx
Equalization
Tx
CDR
LIGHT FROM FIBER
LIGHT TO FIBER
PHOTO-DETECTOR
RECEIVER
AMPLIFICATION
& QUANTIZATION
RD+ (RECEIVE DATA)
RD- (RECEIVE DATA)
Rx LOSS OF SIGNAL
VCSEL
TRANSMITTER
LASER
DRIVER &
SAFETY
CIRCUITRY
TX_DISABLE
TD+ (TRANSMIT DATA)
TD- (TRANSMIT DATA)
TX_FAULT
ELECTRICAL INTERFACE
MOD-DEF2 (SDA)
MOD-DEF1 (SCL)
MOD-DEF0
µController
OPTICAL INTERFACE
Rx RATE SELECT RS(0)
Tx RATE SELECT RS(1)
tween successive assertions of this control signal. Tx_Dis-
able can also be asserted via the two-wire serial interface
(address A2h, byte 110, bit 6) and monitored (address
A2h, byte 110, bit 7).
The contents of A2h, byte 110, bit 6 are logic OR’d with
hardware Tx_Disable (pin 3) to control transmitter opera-
tion.
Transmit Fault (Tx_Fault)
A catastrophic laser fault will activate the transmitter sig-
nal, TX_FAULT, and disable the laser. This signal is an open
collector output (pull-up required on the host board). A
low signal indicates normal laser operation and a high
signal indicates a fault. The TX_FAULT will be latched high
when a laser fault occurs and is cleared by toggling the
TX_DISABLE input or power cycling the transceiver. The
transmitter fault condition can also be monitored via the
two-wire serial interface (address A2, byte 110, bit 2).
Eye Safety Circuit
The AFBR-57F5PZ provides Class 1 (single fault tolerant)
eye safety by design and has been tested for compliance
with the requirements listed in Table 1. The eye safety
circuit continuously monitors the optical output power
level and will disable the transmitter upon detecting an
unsafe condition beyond the scope of Class 1 certification.
Such unsafe conditions can be due to inputs from the host
board (Vcc fluctuation, unbalanced code) or a fault within
the transceiver.
Transmitter Section
The transmitter section includes a Transmitter Optical
SubAssembly (TOSA), laser driver circuit, Clock and Data
Recovery circuit (CDR) and an electrical input stage with
variable equalization controls and electrical eye mea-
surement capability. The TOSA contains a 850nm Vertical
Cavity Surface Emitting Laser (VCSEL) light source with
integral light monitoring function and imaging optics to
assure efficient optical coupling to the LC connector in-
terface. The TOSA is driven by a laser driver IC, which uses
the differential output from an integral Tx CDR stage to
modulate and regulate VCSEL optical power. As mandated
by FC-PI-5, the integral CDR cleans up any incoming jitter
accumulated from the host ASIC, PCB traces and SFP elec-
trical connector. Between the SFP electrical connector and
Tx CDR is a variable, i2c controlled, equalization circuit to
optimize SFP performance with non-ideal incoming elec-
trical waveforms. Note the Tx CDR is engaged only with
Tx_RATE=high (16GFC) and bypassed with Tx_RATE=low
(8G/4G).
Transmit Disable (Tx_Disable)
The AFBR-57F5PZ accepts a TTL and CMOS compatible
transmit disable control signal input (pin 3) which shuts
down the transmitter optical output. A high signal im-
plements this function while a low signal allows normal
transceiver operation. In the event of a fault (e.g. eye safe-
ty circuit activated), cycling this control signal resets the
module as depicted in Figure 4. An internal pull up resistor
disables the transceiver transmitter until the host pulls the
input low. Host systems should allow a 10 ms interval be-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com