Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-57R5APZ Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-57R5APZ
Description  Low Voltage (3.3V) Fibre Channel Optical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-57R5APZ Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-57R5APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
Table 11. Transceiver Digital Diagnostic Monitor (Real Time Sense) Characteristics
(TC = 0°C to 70°C, VccT, VccR = 3.3V ±5%)
Parameter
Symbol
Min.
Units
Notes
Transceiver Internal Temperature
TINT
±3.0
°C
Temperature is measured internal to the transceiver.
Accuracy
Valid from = 0°C to 70°C case temperature.
Transceiver Internal Supply
VINT
±0.1
V
Supply voltage is measured internal to the transceiver
Voltage Accuracy
and can, with less accuracy, be correlated to
voltage at the SFP Vcc pin. Valid over 3.3 V ± 10%.
Transmitter Laser DC Bias Current
IINT
±10
%
IINT is better than ±10% of the nominal value.
Accuracy
Transmitted Average Optical
PT
±3.0
dB
Coupled into 50/125 µm multi-mode fiber. Valid from
Output Power Accuracy
100 µW to 500 µW, avg.
Received Average Optical Input
PR
±3.0
dB
Coupled from 50/125 µm multi-mode fiber. Valid from
Power Accuracy
31 µW to 500 µW, avg.
Figure 5. Transceiver timing diagrams (module installed except where noted).
TX_FAULT
OCCURANCE OF FAULT
t_fault
TX_DISABLE
TRANSMITTED SIGNAL
TX_FAULT
OCCURANCE OF FAULT
TX_DISABLE
TRANSMITTED SIGNAL
t-fault: TX FAULT ASSERTED, TX SIGNAL NOT RECOVERED
t-reset: TX DISABLE ASSERTED THEN NEGATED, TX SIGNAL RECOVERED
t_reset
t_init*
* SFP SHALL CLEAR TX_FAULT IN
< t_init IF THE FAILURE IS TRANSIENT
TX_FAULT
OCCURANCE OF FAULT
t_fault
TX_DISABLE
TRANSMITTED SIGNAL
OPTICAL SIGNAL
LOS
t-fault: TX DISABLE ASSERTED THEN NEGATED, TX SIGNAL NOT RECOVERED
t-loss-on & t-loss-off
t_loss_on
t_init*
t_reset
* SFP SHALL CLEAR TX_FAULT IN
< t_init IF THE FAILURE IS TRANSIENT
t_loss_off
OCCURANCE
OF LOSS
TX_FAULT
VCCT,R > 2.97 V
t_init
TX_DISABLE
TRANSMITTED SIGNAL
t_init
TX_FAULT
VCCT,R > 2.97 V
TX_DISABLE
TRANSMITTED SIGNAL
t-init: TX DISABLE NEGATED
t-init: TX DISABLE ASSERTED
TX_FAULT
VCCT,R > 2.97 V
t_init
TX_DISABLE
TRANSMITTED SIGNAL
t_off
TX_FAULT
TX_DISABLE
TRANSMITTED SIGNAL
t-init: TX DISABLE NEGATED, MODULE HOT PLUGGED
t-off & t-on: TX DISABLE ASSERTED THEN NEGATED
INSERTION
t_on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com