Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-57R5APZ Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-57R5APZ
Description  Low Voltage (3.3V) Fibre Channel Optical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-57R5APZ Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-57R5APZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED AFCT-57R5APZ Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Customer Manufacturing Processes
This module is pluggable and is not designed for aqueous wash, IR reflow, or wave soldering processes.
Figure 8. SFP Assembly drawing.
41.78 ± 0.5
3.5 ± 0.3
1.7 ± 0.9
Tcase REFERENCE POINT
PCB
10 REF
(to PCB)
0.4 ± 0.1
(below PCB)
10.4 ± 0.1
15.25 ± 0.1
16.25 ± 0.1 MIN. PITCH
DIMENSIONS ARE IN MILLIMETERS
11.73 REF
CAGE ASSEMBLY
9.8 MAX.
15 MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com