Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3100 Datasheet (PDF) - Maxim Integrated Products

MAX3100 Datasheet PDF - Maxim Integrated Products
Part # MAX3100
Download  MAX3100 Download
File Size   263.76 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SPI/Microwire-Compatible UART in QSOP-16

MAX3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3100 Datasheet PDF - Maxim Integrated Products

Part # MAX3100
Download  MAX3100 Click to download

File Size   263.76 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SPI/Microwire-Compatible UART in QSOP-16

MAX3100 Datasheet (HTML) - Maxim Integrated Products


MAX3100 Product details

General Description

The MAX3100 universal asynchronous receiver transmit ter (UART) is the first UART specifically optimized for small microcontroller-based systems. Using an SPI™/Microwire™ interface for communication with the host microcontroller (µC), the MAX3100 comes in a compact 16-pin QSOP. The asynchronous I/O is suitable for use in RS-232, RS-485, IR, and opto-isolated data links. IR-link communication is easy with the MAX3100’s infrared data association (IrDA) timing mode.



Features

♦16-Pin QSOP Package (8-pin SO footprint): Smallest UART Available

♦Full-Featured UART:

—IrDA SIR Timing Compatible

—8-Word FIFO Minimizes Processor Overhead at High Data Rates

—Up to 230k Baud with a 3.6864MHz Crystal

—9-Bit Address-Recognition Interrupt

—Receive Activity Interrupt in Shutdown

♦SPI/Microwire-Compatible µC Interface

♦Lowest Power:

—150µA Operating Current at 3.3V

—10µA in Shutdown with Receive Interrupt

♦+2.7V to +5.5V Supply Voltage in Operating Mode

♦Schmitt-Trigger Inputs for Opto-Couplers

♦TX and RTSOutputs Sink 25mA for Opto-Couplers



Applications

Hand-Held Instruments

Intelligent Instrumentation

UART in SPI Systems

Small Networks in HVAC or Building Control

Isolated RS-232/RS-485: Directly Drives Opto-Couplers

Low-Cost IR Data Links for Computers/Peripherals




Similar Part No. - MAX3100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100 MAXIM-MAX3100 Datasheet
292Kb / 24P
SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100 Datasheet
388Kb / 12P
Fully Assembled and Tested
Rev 0; 3/08
MAX3100CEE+ MAXIM-MAX3100CEE+ Datasheet
292Kb / 24P
SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100CEE+ MAXIM-MAX3100CEE+ Datasheet
630Kb / 24P
SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100CPD+ MAXIM-MAX3100CPD+ Datasheet
292Kb / 24P
SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
More results


Similar Description - MAX3100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3110E MAXIM-MAX3110E_05 Datasheet
315Kb / 31P
SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
logo
Holtek Semiconductor In...
HT45B0F HOLTEK-HT45B0F Datasheet
165Kb / 23P
SPI-to-UART Bridge
June 7, 2011
logo
Maxim Integrated Produc...
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
logo
Holtek Semiconductor In...
HT45B0F HOLTEK-HT45B0F_12 Datasheet
163Kb / 23P
SPI-to-UART Bridge
September 24, 2012
logo
Maxim Integrated Produc...
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com