Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5480 Datasheet (PDF) - Maxim Integrated Products

MAX5480 Datasheet PDF - Maxim Integrated Products
Part # MAX5480
Download  MAX5480 Download
File Size   64.8 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Bit Parallel DAC in QSOP-16 Package

MAX5480 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5480 Datasheet PDF - Maxim Integrated Products

Part # MAX5480
Download  MAX5480 Click to download

File Size   64.8 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Bit Parallel DAC in QSOP-16 Package

MAX5480 Datasheet (HTML) - Maxim Integrated Products


MAX5480 Product details

General Description
The MAX5480 is a CMOS, 8-bit digital-to-analog converter (DAC) that interfaces directly with most microprocessors. On-chip input latches make the DAC load cycle interface similar to a RAM write cycle, where CS and WR are the only control inputs required.

Features
♦ QSOP-16 Package (same footprint as SO-8)
♦ Single +5V Supply Operation
♦ VOUT or IOUT Operation
♦ 8-Bit Parallel Interface
♦ Guaranteed Monotonic Over Temperature
♦ Low Power Consumption—100µA max
♦ ±1/2LSB Linearity Over Temperature

Applications
    Digitally Adjusted Power Supplies
    Programmable Gain
    Automatic Test Equipment
    Portable, Battery-Powered Instruments
    VCO Frequency Control
    RF Transmit Control in Portable Radios




Similar Part No. - MAX5480

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX548 MAXIM-MAX548 Datasheet
172Kb / 16P
2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX548-MAX550 MAXIM-MAX548-MAX550 Datasheet
172Kb / 16P
2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5481ETE MAXIM-MAX5481ETE Datasheet
1Mb / 21P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5481ETE MAXIM-MAX5481ETE Datasheet
509Kb / 20P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
More results


Similar Description - MAX5480

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8600 AD-AD8600 Datasheet
236Kb / 16P
16-Channel, 8-Bit Multiplying DAC
REV.0
logo
Linear Technology
LTC1655 LINER-LTC1655 Datasheet
92Kb / 12P
16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
LTC1657 LINER-LTC1657 Datasheet
194Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L Datasheet
157Kb / 12P
Parallel 16-Bit Rail-to-Rail Micropower DAC
logo
Maxim Integrated Produc...
MAX522 MAXIM-MAX522 Datasheet
116Kb / 12P
Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
Rev 0; 6/95
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
16-BIT DAC
logo
Analog Devices
RQ-16 AD-RQ-16 Datasheet
60Kb / 1P
16-Lead Shrink Small Outline Package [QSOP] Dimensions shown in inches
AD8600 AD-AD8600_15 Datasheet
132Kb / 16P
16-Channel, 8-Bit Multiplying DAC
REV. 0
logo
Linear Technology
LTC1657 LINER-LTC1657_15 Datasheet
215Kb / 16P
Parallel 16-Bit Rail-to-Rail Micropower DAC
LTC1657L LINER-LTC1657L_15 Datasheet
215Kb / 16P
Parallel 16-Bit Rail-to-Rail Micropower DAC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com