Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX522 Datasheet (PDF) - Maxim Integrated Products

MAX522 Datasheet PDF - Maxim Integrated Products
Part # MAX522
Download  MAX522 Download
File Size   116.3 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package

MAX522 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX522 Datasheet PDF - Maxim Integrated Products

Part # MAX522
Download  MAX522 Click to download

File Size   116.3 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package

MAX522 Datasheet (HTML) - Maxim Integrated Products


MAX522 Product details

General Description
The MAX522 contains two 8-bit, buffered, voltage-output digital-to-analog converters (DAC A and DAC B) in small 8-pin SO and DIP packages. DAC A’s buffer can source and sink 5mA, and DAC B’s output can source and sink 500µA, both to within 0.5V of ground and VDD. The MAX522 operates with a single +2.7V to +5.5V supply.

Features
♦ Operates from a Single +2.7V to +5.5V Supply
♦ Dual Buffered Voltage Output
♦ Low Power Consumption:
    1mA Operating Current
    <1µA Shutdown Current
♦ Independently Programmable Shutdown Mode
♦ 5MHz, 3-Wire Serial Interface
♦ SPI™, QSPI™, and Microwire™ Compatible
♦ Space-Saving 8-Pin SO Package

Applications
    Digital Gain and Offset Adjustment
    Programmable Current Source
    Programmable Voltage Source
    Power-Amp Bias Control
    VCO Tuning




Similar Part No. - MAX522

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5222 MAXIM-MAX5222 Datasheet
527Kb / 12P
Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
MAX5222EKA-T MAXIM-MAX5222EKA-T Datasheet
527Kb / 12P
Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
MAX5223EKA-T MAXIM-MAX5223EKA-T Datasheet
222Kb / 11P
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
More results


Similar Description - MAX522

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
logo
Linear Technology
LTC1257 LINER-LTC1257 Datasheet
260Kb / 12P
Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC8043 LINER-LTC8043 Datasheet
175Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
logo
Maxim Integrated Produc...
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5222 MAXIM-MAX5222 Datasheet
527Kb / 12P
Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
logo
Linear Technology
LTC1257 LINER-LTC1257_01 Datasheet
141Kb / 12P
Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC1257 LINER-LTC1257_15 Datasheet
206Kb / 12P
Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com